전자부품 데이터시트 검색엔진 |
|
AM29F800BT-70SK 데이터시트(PDF) 8 Page - Advanced Micro Devices |
|
AM29F800BT-70SK 데이터시트(HTML) 8 Page - Advanced Micro Devices |
8 / 44 page 6 Am29F800B 21504E5 November 2, 2006 D A TA SH EE T CONNECTION DIAGRAMS This device is also available in Known Good Die (KGD) form. Refer to publication number 21631 for more information. Special Handling Instructions for FBGA Package Special handling is required for Flash Memory products in FBGA packages. Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. T he p a c k ag e an d/o r da ta inte g r ity m a y b e compromised if the package body is exposed to temperatures above 150 °C for prolonged periods of time. A1 B1 C1 D1 E1 F1 G1 H1 A2 B2 C2 D2 E2 F2 G2 H2 A3 B3 C3 D3 E3 F3 G3 H3 A4 B4 C4 D4 E4 F4 G4 H4 A5 B5 C5 D5 E5 F5 G5 H5 A6 B6 C6 D6 E6 F6 G6 H6 DQ15/A-1 VSS BYTE# A16 A15 A14 A12 A13 DQ13 DQ6 DQ14 DQ7 A11 A10 A8 A9 VCC DQ4 DQ12 DQ5 NC NC RESET# WE# DQ11 DQ3 DQ10 DQ2 NC A18 NC RY/BY# DQ9 DQ1 DQ8 DQ0 A5 A6 A17 A7 OE# VSS CE# A0 A1 A2 A4 A3 FBGA Top View, Balls Facing Down |
유사한 부품 번호 - AM29F800BT-70SK |
|
유사한 설명 - AM29F800BT-70SK |