전자부품 데이터시트 검색엔진 |
|
DZT851 데이터시트(PDF) 2 Page - Diodes Incorporated |
|
DZT851 데이터시트(HTML) 2 Page - Diodes Incorporated |
2 / 4 page Electrical Characteristics @T A = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition OFF CHARACTERISTICS Collector-Base Breakdown Voltage V(BR)CBO 150 ⎯ ⎯ V IC = 100μA, IE = 0 Collector-Emitter Breakdown Voltage V(BR)CEO 60 ⎯ ⎯ V IC = 10mA*, IB = 0 B Emitter-Base Breakdown Voltage V(BR)EBO 6 ⎯ ⎯ V IE = 100μA, IC = 0 Collector Cutoff Current ICBO ⎯ ⎯ 50 1 nA μA VCB = 120V, IE = 0 VCB = 120V, IE = 0, TA = 100°C Emitter Cutoff Current IEBO ⎯ ⎯ 10 nA VEB = 6V, IC = 0 ON CHARACTERISTICS Collector-Emitter Saturation Voltage VCE(SAT) ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ ⎯ 50 100 170 375 mV IC = 0.1A, IB = 5mA* I B C = 1A, IBB = 50mA* IC = 2A, IB = 50mA* I B C = 6A, IBB = 300mA* Base-Emitter Saturation Voltage VBE(SAT) ⎯ ⎯ 1200 mV IC = 6A, IB = 300mA* B Base-Emitter Turn-On Voltage VBE(ON) ⎯ ⎯ 1150 mV ICE = 6A, VCE = 1V* DC Current Gain hFE 100 100 75 25 ⎯ ⎯ ⎯ ⎯ ⎯ 300 ⎯ ⎯ ⎯ IC = 10mA, VCE = 1V* IC = 2A, VCE = 1V* IC = 5A, VCE = 1V* IC = 10A, VCE = 1V* SMALL SIGNAL CHARACTERISTICS Current Gain-Bandwidth Product fT ⎯ 130 ⎯ MHz IC = 100mA, VCE = 10V, f = 50MHz Output Capacitance Cobo ⎯ 45 ⎯ pF VCB = 10V, f = 1MHz Switching Times ton toff ⎯ ⎯ 45 1100 ⎯ ⎯ ns IC = 1A, IB1 = 100mA IB2 = 100mA, VCC = 10V * Measured under pulsed conditions. Pulse width = 300 μs. Duty cycle ≤2% Typical Characteristics @T amb = 25°C unless otherwise specified Fig. 1 Power Dissipation vs. Ambient Temperature (Note 3) Fig. 2 Collector Current vs. Collector Emitter Voltage Notes: 3. Device mounted on FR-4 PCB, pad layout as shown on page 4. DS30738 Rev. 3 - 2 2 of 4 www.diodes.com DZT851 © Diodes Incorporated |
유사한 부품 번호 - DZT851 |
|
유사한 설명 - DZT851 |