전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29BDS643GT7GVAI 데이터시트(PDF) 44 Page - Advanced Micro Devices

부품명 AM29BDS643GT7GVAI
상세설명  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643GT7GVAI 데이터시트(HTML) 44 Page - Advanced Micro Devices

Back Button AM29BDS643GT7GVAI Datasheet HTML 40Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 41Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 42Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 43Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 44Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 45Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 46Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 47Page - Advanced Micro Devices AM29BDS643GT7GVAI Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
42
Am29BDS643G
25692A2 May 8, 2006
D A TA
SH EE T
AC CHARACTERISTICS
Note: 8-word linear burst mode shown. 16- and 32-word linear burst read modes behave similarly.
Figure 18.
8-, 16-, and 32-Word Linear Burst
Address Wrap Around
Note: Cxx indicates the clock that triggers Dxx on the outputs; for example, C60 triggers D60.
Figure 19.
Latency with Boundary Crossing (54 MHz and 66 MHz)
CLK
Address (hex)
D0
D1
D2
A/DQ0:
A/DQ15
OE#,
CE#
Address wraps back to beginning of address group.
39
39
3A
3B
3C
3D
3E
3F
38
Initial Access
VIL
VIH
AVD#
VIL
VIH
D3
D4
D5
D6
D7
CLK
Address (hex)
C59
C60
C61
C62
C62
C62
C63
C64
C65
C66
D59
D60
D61
D62
D63
D64
D65
D66
(stays high)
AVD#
RDY
A/DQ0:
A/DQ15
OE#,
CE#
(stays low)
Address boundary occurs every 64 words, beginning at address
00003Eh: 00007Eh, 0000BEh, etc. Address 000000h is also a boundary crossing.
3B
3C
3D
3E
3E
3E
3F
40
41
42
latency
tRACC


유사한 부품 번호 - AM29BDS643GT7GVAI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29BDS643GT7GVAI SPANSION-AM29BDS643GT7GVAI Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

유사한 설명 - AM29BDS643GT7GVAI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com