전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29BDS640GTC9WSI 데이터시트(PDF) 31 Page - Advanced Micro Devices

부품명 AM29BDS640GTC9WSI
상세설명  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640GTC9WSI 데이터시트(HTML) 31 Page - Advanced Micro Devices

Back Button AM29BDS640GTC9WSI Datasheet HTML 27Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 28Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 29Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 30Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 31Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 32Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 33Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 34Page - Advanced Micro Devices AM29BDS640GTC9WSI Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
29
Data
Sheet
Standard Handshaking Operation
For optimal burst mode performance on devices without the handshaking option,
the host system must set the appropriate number of wait states in the flash de-
vice depending on the clock frequency.
Table 10 describes the typical number of clock cycles (wait states) for various
conditions with A14–A12 set to 101.
Table 10. Wait States for Standard Handshaking
* In the 8-, 16- and 32-word burst read modes, the address pointer does not cross
64-word boundaries (addresses which are multiples of 3Fh).
Burst Read Mode Configuration
The device supports four different burst read modes: continuous mode, and 8,
16, and 32 word linear wrap around modes. A continuous sequence begins at the
starting address and advances the address pointer until the burst operation is
complete. If the highest address in the device is reached during the continuous
burst read mode, the address pointer wraps around to the lowest address.
For example, an eight-word linear burst with wrap around begins on the starting
burst address written to the device and then proceeds until the next 8 word
boundary. The address pointer then returns to the first word of the burst se-
quence, wrapping back to the starting location. The sixteen- and thirty-two linear
wrap around modes operate in a fashion similar to the eight-word mode.
Table 11 shows the address bits and settings for the four burst read modes.
Table 11. Burst Read Mode Settings
Note: Upon power-up or hardware reset the default setting is continuous.
Burst Active Clock Edge Configuration
By default, the device will deliver data on the rising edge of the clock after the
initial synchronous access time. Subsequent outputs will also be on the following
rising edges, barring any delays. The device can be set so that the falling clock
Conditions at Address
Typical No. of Clock Cycles after
AVD# Low
40/54 MHz
Initial address is even
7
Initial address is odd
7
Initial address is even,
and is at boundary crossing*
7
Initial address is odd,
and is at boundary crossing*
7
Burst Modes
Address Bits
A16
A15
Continuous
0
0
8-word linear wrap around
0
1
16-word linear wrap around
1
0
32-word linear wrap around
1
1


유사한 부품 번호 - AM29BDS640GTC9WSI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29BDS640GTC9WSI SPANSION-AM29BDS640GTC9WSI Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

유사한 설명 - AM29BDS640GTC9WSI

제조업체부품명데이터시트상세설명
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643D AMD-AM29BDS643D Datasheet
693Kb / 46P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com