전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM42BDS640AG 데이터시트(HTML) 5 Page - Advanced Micro Devices

부품명 AM42BDS640AG
상세내용  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only, Simultaneous Operation, Burst Mode Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM42BDS640AG 데이터시트(HTML) 5 Page - Advanced Micro Devices

  AM42BDS640AG 데이터시트 HTML 1Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 2Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 3Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 4Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 5Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 6Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 7Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 8Page - Advanced Micro Devices AM42BDS640AG 데이터시트 HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
4
Am42BDS640AG
November 1, 2002
P R E L I M INARY
Figure 24. Alternate Synchronous Program Operation Timings ..... 54
Figure 25. Chip/Sector Erase Command Sequence ....................... 55
Figure 26. Accelerated Unlock Bypass Programming Timing......... 56
Figure 27. Data# Polling Timings (During Embedded Algorithm) ... 57
Figure 28. Toggle Bit Timings (During Embedded Algorithm)......... 57
Figure 29. Synchronous Data Polling Timings/Toggle Bit Timings . 58
Figure 30. Latency with Boundary Crossing ................................... 59
Figure 31. Latency with Boundary Crossing
into Program/Erase Bank ................................................................ 60
Figure 32. Example of Wait States Insertion (Standard
Handshaking Device) ...................................................................... 61
Figure 33. Back-to-Back Read/Write Cycle Timings ....................... 62
SRAM AC Characteristics . . . . . . . . . . . . . . . . . . 63
Read Cycle ............................................................................. 63
Figure 34. SRAM Read Cycle—Address Controlled....................... 63
Figure 35. SRAM Read Cycle ......................................................... 64
Write Cycle ............................................................................. 65
Figure 36. SRAM Write Cycle—WE# Control ................................ 65
Figure 37. SRAM Write Cycle—CE1#s Control ............................. 66
Figure 38. SRAM Write Cycle—UB#s and LB#s Control ............... 67
Flash Erase And Programming Performance
. 68
Flash Latchup Characteristics. . . . . . . . . . . . . . . 68
Package Pin Capacitance . . . . . . . . . . . . . . . . . . 68
Flash Data Retention . . . . . . . . . . . . . . . . . . . . . . 68
SRAM Data Retention . . . . . . . . . . . . . . . . . . . . . 69
Figure 39. CE1#s Controlled Data Retention Mode....................... 69
Figure 40. CE2s Controlled Data Retention Mode......................... 69
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 70
FSC093—93-Ball Fine-Pitch Grid Array 8 x 11.6 mm ............ 70
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 71
Revision A (May 20, 2002) ..................................................... 71


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


데이터시트 Download

Go To PDF Page

관련 부품명

부품명상세내용Html View제조사
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3228D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL640AG64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL16X4DAm29DL16xD 16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL3208G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL640BG64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 32 Mbit 512 K x 16-Bit Pseudo Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL6404G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL6408G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn