전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29LV200BT-90DPI 데이터시트(PDF) 4 Page - Advanced Micro Devices

부품명 AM29LV200BT-90DPI
상세설명  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV200BT-90DPI 데이터시트(HTML) 4 Page - Advanced Micro Devices

  AM29LV200BT-90DPI Datasheet HTML 1Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 2Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 3Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 4Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 5Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 6Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 7Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 8Page - Advanced Micro Devices AM29LV200BT-90DPI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Am29LV200B Known Good Die
November 18, 2003
SU PP L E ME NT
PAD DESCRIPTION (RELATIVE TO DIE CENTER)
Pad
Signal
Pad Center (mils)
Pad Center (millimeters)
X
YXY
1VCC
–0.90
57.70
–0.02
1.47
2
DQ4
–13.00
57.70
–0.33
1.47
3
DQ12
–18.90
57.70
–0.48
1.47
4
DQ5
–24.80
57.70
–0.63
1.47
5
DQ13
–30.70
57.70
–0.78
1.47
6
DQ6
–36.50
57.70
–0.93
1.47
7
DQ14
–42.40
57.70
–1.08
1.47
8
DQ7
–48.30
57.70
–1.23
1.47
9
DQ15/A–1
–54.20
57.70
–1.38
1.47
10
VSS
–63.60
56.20
–1.62
1.43
11
BYTE#
–63.60
46.10
–1.62
1.17
12
A16
–63.60
36.00
–1.62
0.91
13
A15
–63.30
–54.80
–1.61
–1.39
14
A14
–55.90
–54.80
–1.42
–1.39
15
A13
–50.50
–54.80
–1.28
–1.39
16
A12
–44.70
–54.80
–1.14
–1.39
17
A11
–39.30
–54.80
–1.00
–1.39
18
A10
–33.40
–54.80
–0.85
–1.39
19
A9
–28.00
–54.60
–0.71
–1.39
20
A8
–22.10
–54.80
–0.56
–1.39
21
WE#
–16.60
–54.80
–0.42
–1.39
22
RESET#
–7.10
–58.60
–0.18
–1.49
23
RY/BY#
10.20
–58.60
0.26
–1.49
24
Not Connected
N/A
N/A
N/A
N/A
25
A7
28.00
–54.80
0.71
–1.39
26
A6
33.40
–54.80
0.85
–1.39
27
A5
39.30
–54.80
1.00
–1.39
28
A4
44.70
–54.80
1.14
–1.39
29
A3
50.50
–54.80
1.28
–1.39
30
A2
55.90
–54.80
1.42
–1.39
31
A1
63.30
–54.80
1.61
–1.39
32
A0
63.60
35.80
1.62
0.91
33
CE#
63.60
45.90
1.62
1.17
34
VSS
63.60
56.00
1.62
1.42
35
OE#
54.20
58.60
1.38
1.49
36
DQ0
46.60
57.70
1.18
1.47
37
DQ8
40.70
57.70
1.03
1.47
38
DQ1
34.90
57.70
0.89
1.47
39
DQ9
28.90
57.70
0.73
1.47
40
DQ2
23.10
57.70
0.59
1.47
41
DQ10
17.20
57.70
0.44
1.47
42
DQ3
11.40
57.70
0.29
1.47
43
DQ11
5.40
57.70
0.14
1.47


유사한 부품 번호 - AM29LV200BT-90DPI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV200BT-90EC AMD-AM29LV200BT-90EC Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90EC AMD-AM29LV200BT-90EC Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90ECB AMD-AM29LV200BT-90ECB Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90ED AMD-AM29LV200BT-90ED Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200BT-90EE AMD-AM29LV200BT-90EE Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results

유사한 설명 - AM29LV200BT-90DPI

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29LV200 AMD-AM29LV200 Datasheet
478Kb / 37P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B_06 Datasheet
1Mb / 46P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV200B AMD-AM29LV200B Datasheet
43Kb / 7P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B Datasheet
453Kb / 38P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV001B AMD-AM29LV001B_06 Datasheet
767Kb / 43P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com