전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50DL128CG 데이터시트(PDF) 26 Page - Advanced Micro Devices

부품명 AM50DL128CG
상세설명  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128CG 데이터시트(HTML) 26 Page - Advanced Micro Devices

Back Button AM50DL128CG Datasheet HTML 22Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 23Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 24Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 25Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 26Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 27Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 28Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 29Page - Advanced Micro Devices AM50DL128CG Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
November 7, 2002
Am50DL128CG
25
P R E L I M I NARY
Table 10.
Primary Vendor-Specific Extended Query
Addresses
(Word Mode)
Data
Description
40h
41h
42h
0050h
0052h
0049h
Query-unique ASCII string “PRI”
43h
0031h
Major version number, ASCII (reflects modifications to the silicon)
44h
0033h
Minor version number, ASCII (reflects modifications to the CFI table)
45h
0004h
Address Sensitive Unlock (Bits 1-0)
0 = Required, 1 = Not Required
Silicon Revision Number (Bits 7-2)
46h
0002h
Erase Suspend
0 = Not Supported, 1 = To Read Only, 2 = To Read & Write
47h
0001h
Sector Protect
0 = Not Supported, X = Number of sectors in per group
48h
0001h
Sector Temporary Unprotect
00 = Not Supported, 01 = Supported
49h
0004h
Sector Protect/Unprotect scheme
01 =29F040 mode, 02 = 29F016 mode, 03 = 29F400, 04 = 29LV800 mode
4Ah
0077h
Simultaneous Operation
00 = Not Supported, X = Number of Sectors (excluding Bank 1)
4Bh
0000h
Burst Mode Type
00 = Not Supported, 01 = Supported
4Ch
0000h
Page Mode Type
00 = Not Supported, 01 = 4 Word Page, 02 = 8 Word Page
4Dh
0085h
ACC (Acceleration) Supply Minimum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Eh
0095h
ACC (Acceleration) Supply Maximum
00h = Not Supported, D7-D4: Volt, D3-D0: 100 mV
4Fh
0001h
Top/Bottom Boot Sector Flag
00h = Uniform device, 01h = 8 x 8 Kbyte Sectors, Top And Bottom Boot with Write
Protect, 02h = Bottom Boot Device, 03h = Top Boot Device, 04h = Both Top and
Bottom
50h
0001h
Program Suspend
0 = Not supported, 1 = Supported
57h
0004h
Bank Organization
00 = Data at 4Ah is zero, X = Number of Banks
58h
0017h
Bank 1 Region Information
X = Number of Sectors in Bank 1
59h
0030h
Bank 2 Region Information
X = Number of Sectors in Bank 2
5Ah
0030h
Bank 3 Region Information
X = Number of Sectors in Bank 3
5Bh
0017h
Bank 4 Region Information
X = Number of Sectors in Bank 4


유사한 부품 번호 - AM50DL128CG

제조업체부품명데이터시트상세설명
logo
SPANSION
AM50DL128CG SPANSION-AM50DL128CG Datasheet
889Kb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM50DL128CG70IS SPANSION-AM50DL128CG70IS Datasheet
889Kb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM50DL128CG70IT SPANSION-AM50DL128CG70IT Datasheet
889Kb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM50DL128CG85IS SPANSION-AM50DL128CG85IS Datasheet
889Kb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM50DL128CG85IT SPANSION-AM50DL128CG85IT Datasheet
889Kb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

유사한 설명 - AM50DL128CG

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
AM50DL128CH SPANSION-AM50DL128CH_04 Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH_04 Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com