전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM50DL128CG70IS 데이터시트(PDF) 18 Page - Advanced Micro Devices

부품명 AM50DL128CG70IS
상세설명  64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM50DL128CG70IS 데이터시트(HTML) 18 Page - Advanced Micro Devices

Back Button AM50DL128CG70IS Datasheet HTML 14Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 15Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 16Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 17Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 18Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 19Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 20Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 21Page - Advanced Micro Devices AM50DL128CG70IS Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 63 page
background image
November 7, 2002
Am50DL128CG
17
P R E L I M I NARY
Note: The address range is A21:A0.
Table 3.
Bank Address
Table 4.
SecSi
 Sector Addresses
Bank 4
SA119
1110000xxx
64/32
380000h–387FFFh
SA120
1110001xxx
64/32
388000h–38FFFFh
SA121
1110010xxx
64/32
390000h–397FFFh
SA122
1110011xxx
64/32
398000h–39FFFFh
SA123
1110100xxx
64/32
3A0000h–3A7FFFh
SA124
1110101xxx
64/32
3A8000h–3AFFFFh
SA125
1110110xxx
64/32
3B0000h–3B7FFFh
SA126
1110111xxx
64/32
3B8000h–3BFFFFh
SA127
1111000xxx
64/32
3C0000h–3C7FFFh
SA128
1111001xxx
64/32
3C8000h–3CFFFFh
SA129
1111010xxx
64/32
3D0000h–3D7FFFh
SA130
1111011xxx
64/32
3D8000h–3DFFFFh
SA131
1111100xxx
64/32
3E0000h–3E7FFFh
SA132
1111101xxx
64/32
3E8000h–3EFFFFh
SA133
1111110xxx
64/32
3F0000h–3F7FFFh
SA134
1111111000
8/4
3F8000h–3F8FFFh
SA135
1111111001
8/4
3F9000h–3F9FFFh
SA136
1111111010
8/4
3FA000h–3FAFFFh
SA137
1111111011
8/4
3FB000h–3FBFFFh
SA138
1111111100
8/4
3FC000h–3FCFFFh
SA139
1111111101
8/4
3FD000h–3FDFFFh
SA140
1111111110
8/4
3FE000h–3FEFFFh
SA141
1111111111
8/4
3FF000h–3FFFFFh
Bank
A21–A19
1
000
2
001, 010, 011
3
100, 101, 110
4
111
Device
Sector Size
(x8)
Address Range
(x16)
Address Range
Am29DL640G
256 bytes
000000h–0000FFh
00000h–0007Fh
Table 2.
Am29DL640G Sector Architecture (Continued)
Bank
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x16)
Address Range


유사한 부품 번호 - AM50DL128CG70IS

제조업체부품명데이터시트상세설명
logo
SPANSION
AM50DL128CG70IS SPANSION-AM50DL128CG70IS Datasheet
889Kb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

유사한 설명 - AM50DL128CG70IS

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49PDL640AG SPANSION-AM49PDL640AG Datasheet
954Kb / 69P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM49DL640AH SPANSION-AM49DL640AH Datasheet
995Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Pseudo Static RAM
AM42DL640AH SPANSION-AM42DL640AH Datasheet
1,011Kb / 60P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
AM50DL128CH SPANSION-AM50DL128CH_04 Datasheet
922Kb / 66P
   Two Am29DL640G 64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
logo
SPANSION
AM50DL128BH SPANSION-AM50DL128BH_04 Datasheet
1Mb / 70P
   Two Am29DL640G 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com