전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29SL800DB150EC 데이터시트(PDF) 3 Page - Advanced Micro Devices

부품명 AM29SL800DB150EC
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB150EC 데이터시트(HTML) 3 Page - Advanced Micro Devices

  AM29SL800DB150EC Datasheet HTML 1Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 2Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 3Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 4Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 5Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 6Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 7Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 8Page - Advanced Micro Devices AM29SL800DB150EC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
DATA SHEET
This Data Sheet states AMD’s current specifications regarding the Products described herein. This Data Sheet may
be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 27546
Rev: A Amendment/6
Issue Date: January 23, 2007
Am29SL800D
8 Megabit (1 M x 8-Bit/512 K x 16-Bit)
CMOS 1.8 Volt-only Super Low Voltage Flash Memory
DISTINCTIVE CHARACTERISTICS
Single Power Supply Operation
— 1.65 to 2.2 V for read, program, and erase
operations
— Ideal for battery-powered applications
Manufactured on 0.23 µm Process Technology
— Compatible with 0.32 µm Am29SL800C device
High Performance
— Access times as fast as 90 ns
Ultra Low Power Consumption (Typical Values at
5 MHz)
— 0.2 µA Automatic Sleep Mode current
— 0.2 µA standby mode current
— 5 mA read current
— 15 mA program/erase current
Flexible Sector Architecture
— One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and
fifteen 64 Kbyte sectors (byte mode)
— One 8 Kword, two 4 Kword, one 16 Kword, and
fifteen 32 Kword sectors (word mode)
— Supports full chip erase
— Sector Protection Features:
A hardware method of locking a sector to prevent any
program or erase operations within that sector
Sectors can be locked in-system or via programming
equipment
Temporary Sector Unprotect feature allows code
changes in previously locked sectors
Unlock Bypass Program Command
— Reduces overall programming time when issuing
multiple program command sequences
Top or Bottom Boot Block Configurations
Available
Embedded Algorithms
— Embedded Erase algorithm automatically
preprograms and erases the entire chip or any
combination of designated sectors
— Embedded Program algorithm automatically
writes and verifies data at specified addresses
Minimum 1,000,000 Erase Cycle Guarantee Per
Sector
20-Year Data Retention at 125
°C
Package Option
— 48-pin TSOP
— 48-ball FBGA
Compatibility with JEDEC Standards
— Pinout and software compatible with single-
power supply Flash
— Superior inadvertent write protection
Data# Polling and Toggle Bits
— Provides a software method of detecting program
or erase operation completion
Ready/Busy# Pin (RY/BY#)
— Provides a hardware method of detecting
program or erase cycle completion
Erase Suspend/Erase Resume
— Suspends an erase operation to read data from,
or program data to, a sector that is not being
erased, then resumes the erase operation
Hardware Reset Pin (RESET#)
— Hardware method to reset the device to reading
array data


유사한 부품 번호 - AM29SL800DB150EC

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29SL800DB150 AMD-AM29SL800DB150 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
More results

유사한 설명 - AM29SL800DB150EC

제조업체부품명데이터시트상세설명
logo
Advanced Micro Devices
AM29SL800D AMD-AM29SL800D Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800B AMD-AM29SL800B Datasheet
543Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL800C AMD-AM29SL800C Datasheet
549Kb / 41P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400D SPANSION-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL400C AMD-AM29SL400C Datasheet
846Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
AM29SL400D AMD-AM29SL400D Datasheet
776Kb / 41P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
AM29SL400C SPANSION-AM29SL400C Datasheet
945Kb / 44P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
Advanced Micro Devices
AM29SL160C AMD-AM29SL160C_07 Datasheet
1Mb / 52P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com