전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GTC4VMI 데이터시트(HTML) 27 Page - SPANSION

부품명 AM29BDS320GTC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GTC4VMI 데이터시트(HTML) 27 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 27 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
25
Prelimin ary
Command Definitions
Writing specific address and data commands or sequences into the command
register initiates device operations. Table 14, “Command Definitions,” on page 36
defines the valid register command sequences. Note that writing incorrect ad-
dress and data values or writing them in the improper sequence may place the
device in an unknown state. A reset command is required to return the device to
normal operation.
Refer to the AC Characteristics section for timing diagrams.
Reading Array Data
The device is automatically set to reading array data after device power-up. No
commands are required to retrieve data in asynchronous mode. Each bank is
ready to read array data after completing an Embedded Program or Embedded
Erase algorithm.
After the device accepts an Erase Suspend command, the corresponding bank
enters the erase-suspend-read mode, after which the system can read data from
any non-erase-suspended sector within the same bank. After completing a pro-
gramming operation in the Erase Suspend mode, the system may once again
read array data with the same exception. See the “Erase Suspend/Erase Resume
Commands” section on page 34 section for more information.
The system must issue the reset command to return a bank to the read (or erase-
suspend-read) mode if DQ5 goes high during an active program or erase opera-
tion, or if the bank is in the autoselect mode. See the “Reset Command” section
on page 30 section for more information.
See also “Requirements for Asynchronous Read Operation (Non-Burst)” and “Re-
quirements for Synchronous (Burst) Read Operation” sections for more
information. The Asynchronous Read and Synchronous/Burst Read tables provide
the read parameters, and Figures 11, 13, and 18 show the timings.
Set Burst Mode Configuration Register Command Sequence
The device uses a burst mode configuration register to set the various burst pa-
rameters: number of wait states, burst read mode, active clock edge, RDY
configuration, and synchronous mode active. The burst mode configuration reg-
ister must be set before the device will enter burst mode.
The burst mode configuration register is loaded with a three-cycle command se-
quence. The first two cycles are standard unlock sequences. On the third cycle,
the data should be C0h, address bits A11–A0 should be 555h, and address bits
A19–A12 set the code to be latched. The device will power up or after a hardware
reset with the default setting, which is in asynchronous mode. The register must
be set before the device can enter synchronous mode. The burst mode configu-
ration register can not be changed during device operations (program, erase, or
sector lock).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn