์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GTC4VMI ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 30 Page - SPANSION

๋ถ€ํ’ˆ๋ช… AM29BDS320GTC4VMI
์ƒ์„ธ๋‚ด์šฉ  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

AM29BDS320GTC4VMI ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 30 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
28
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
Standard Handshaking Operation
For optimal burst mode performance on devices without the reduced wait-state
handshaking option, the host system must set the appropriate number of wait
states in the flash device depending on the clock frequency.
Table 10 describes the typical number of clock cycles (wait states) for various
conditions with A14โ€“A12 set to 101.
Table 10. Wait States for Standard Handshaking
* In the 8-, 16- and 32-word burst read modes, the address pointer does not cross
64-word boundaries (3Fh, and addresses offset from 3Fh by a multiple of 64).
Burst Read Mode Configuration
The device supports four different burst read modes: continuous mode, and 8,
16, and 32 word linear wrap around modes. A continuous sequence begins at the
starting address and advances the address pointer until the burst operation is
complete. If the highest address in the device is reached during the continuous
burst read mode, the address pointer wraps around to the lowest address.
For example, an eight-word linear burst with wrap around begins on the starting
burst address written to the device and then proceeds until the next 8 word
boundary. The address pointer then returns to the first word of the burst se-
quence, wrapping back to the starting location. The sixteen- and thirty-two linear
wrap around modes operate in a fashion similar to the eight-word mode.
Table 11 shows the address bits and settings for the four burst read modes.
Table 11. Burst Read Mode Settings
Note: Upon power-up or hardware reset the default setting is continuous.
Burst Active Clock Edge Configuration
By default, the device will deliver data on the rising edge of the clock after the
initial synchronous access time. Subsequent outputs will also be on the following
rising edges, barring any delays. The device can be set so that the falling clock
Conditions at Address
Typical No. of Clock Cycles after
AVD# Low
40/54 MHz
Initial address is even
7
Initial address is odd
7
Initial address is even,
and is at boundary crossing*
7
Initial address is odd,
and is at boundary crossing*
7
Burst Modes
Address Bits
A16
A15
Continuous
0
0
8-word linear wrap around
0
1
16-word linear wrap around
1
0
32-word linear wrap around
1
1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn