전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GTC4VMI 데이터시트(HTML) 31 Page - SPANSION

부품명 AM29BDS320GTC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GTC4VMI 데이터시트(HTML) 31 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 31 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
29
Prelimin ary
edge is active for all synchronous accesses. Address bit A17 determines this set-
ting; “1” for rising active, “0” for falling active.
RDY Configuration
By default, the device is set so that the RDY pin will output VOH whenever there
is valid data on the outputs. The device can be set so that RDY goes active one
data cycle before active data. Address bit A18 determines this setting; “1” for
RDY active with data, “0” for RDY active one clock cycle before valid data.
Configuration Register
Table 12 shows the address bits that determine the configuration register settings
for various device functions.
Table 12. Burst Mode Configuration Register
Note: Device will be in the default state upon power-up or hardware reset.
Sector Lock/Unlock Command Sequence
The sector lock/unlock command sequence allows the system to determine which
sectors are protected from accidental writes. When the device is first powered up,
all sectors are locked. To unlock a sector, the system must write the sector lock/
unlock command sequence. In the first and second cycles, the address must point
to the bank that contains the sector(s) to be locked or unlocked. The first and
second cycle data is 60h. In the third cycle, the address must point to the target
sector, and A6 is used to specify a lock (A6 = VIL) or unlock (A6 = VIH) operation.
The third cycle data is 60h. After the third cycle, the system can continue to lock
or unlock additional sectors in the same bank or exit the sector lock/unlock se-
quence by writing the reset command (F0h).
It is not possible to read from the bank selected for sector lock/unlock operations.
To enable such read operations, write the reset command.
Note that the last two outermost boot sectors can be locked by taking the WP#
signal to VIL.
Address Bit
Function
Settings (Binary)
A19
Set Device Read Mode
0 = Synchronous Read (Burst Mode) Enabled
1 = Asynchronous Mode (default)
A18
RDY
0 = RDY active one clock cycle before data
1 = RDY active with data (default)
A17
Clock
0 = Burst starts and data is output on the falling edge of CLK
1 = Burst starts and data is output on the rising edge of CLK (default)
A16
Burst Read Mode
00 = Continuous (default)
01 = 8-word linear with wrap around
10 = 16-word linear with wrap around
11 = 32-word linear with wrap around
A15
A14
Programmable
Wait State
000 = Data is valid on the 2nd active CLK edge after AVD# transition to VIH
001 = Data is valid on the 3rd active CLK edge after AVD# transition to VIH
010 = Data is valid on the 4th active CLK edge after AVD# transition to VIH
011 = Data is valid on the 5th active CLK edge after AVD# transition to VIH
100 = Data is valid on the 6th active CLK edge after AVD# transition to VIH
101 = Data is valid on the 7th active CLK edge after AVD# transition to VIH (default)
A13
A12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn