전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GTC4VMI 데이터시트(HTML) 42 Page - SPANSION

부품명 AM29BDS320GTC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GTC4VMI 데이터시트(HTML) 42 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 42 / 74 page
background image
40
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
Note: The system should recheck the toggle bit even if DQ5 = “1” because the toggle
bit may stop toggling as DQ5 changes to “1.” See the subsections on DQ6 and DQ2
for more information.
Figure 5. Toggle Bit Algorithm
DQ2: Toggle Bit II
The “Toggle Bit II” on DQ2, when used with DQ6, indicates whether a particular
sector is actively erasing (that is, the Embedded Erase algorithm is in progress),
or whether that sector is erase-suspended. Toggle Bit II is valid after the rising
edge of the final WE# pulse in the command sequence.
DQ2 toggles when the system reads at addresses within those sectors that have
been selected for erasure. But DQ2 cannot distinguish whether the sector is ac-
tively erasing or is erase-suspended. DQ6, by comparison, indicates whether the
device is actively erasing, or is in Erase Suspend, but cannot distinguish which
START
No
Yes
Yes
DQ5 = 1?
No
Yes
Toggle Bit
= Toggle?
No
Program/Erase
Operation Not
Complete, Write
Reset Command
Program/Erase
Operation Complete
Read DQ7–DQ0
Toggle Bit
= Toggle?
Read DQ7–DQ0
Twice
Read DQ7–DQ0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn