전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GTC4VMI 데이터시트(HTML) 15 Page - SPANSION

부품명 AM29BDS320GTC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GTC4VMI 데이터시트(HTML) 15 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 15 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
13
Prelimin ary
Since the memory array is divided into four banks, each bank remains enabled
for read access until the command register contents are altered.
Address access time (tACC) is equal to the delay from stable addresses to valid
output data. The chip enable access time (tCE) is the delay from the stable ad-
dresses and stable CE# to valid data at the outputs. The output enable access
time (tOE) is the delay from the falling edge of OE# to valid data at the output.
The internal state machine is set for reading array data upon device power-up,
or after a hardware reset. This ensures that no spurious alteration of the memory
content occurs during the power transition.
Requirements for Synchronous (Burst) Read Operation
The device is capable of continuous sequential burst operation and linear burst
operation of a preset length. When the device first powers up, it is enabled for
asynchronous read operation.
Prior to entering burst mode, the system should determine how many wait states
are desired for the initial word (tIACC) of each burst access, what mode of burst
operation is desired, which edge of the clock will be the active clock edge, and
how the RDY signal will transition with valid data. The system would then write
the burst mode configuration register command sequence. See “Set Burst Mode
Configuration Register Command Sequence” and “Command Definitions” for fur-
ther details.
Once the system has written the “Set Burst Mode Configuration Register” com-
mand sequence, the device is enabled for synchronous reads only.
The initial word is output tIACC after the active edge of the first CLK cycle. Sub-
sequent words are output tBACC after the active edge of each successive clock
cycle, which automatically increments the internal address counter. Note that the
device has a fixed internal address boundary that occurs every 64 words, starting
at address 00003Fh. During the time the device is outputting data at this fixed
internal address boundary (address 00003Fh, 00007Fh, 0000BFh, etc.), a two
cycle latency occurs before data appears for the next address (address 000040h,
000080h, 0000C0h, etc.). The RDY output indicates this condition to the system
by pulsing low. For standard handshaking devices, there is no two cycle latency
between 3Fh and 40h (or addresses offset from 3F and 40h by a multiple of 64).
See Table 10.
For reduced wait-state handshaking devices, if the address latched is 3Dh (or off-
set from 3Dh by a multiple of 64), an additional cycle latency occurs prior to the
initial access. If the address latched is 3Eh (or offset from 3Eh by a multiple of
64) two additional cycle latency occurs prior to the initial access and the 2 cycle
latency between 3Fh and 40h (or offset from 3Fh by a multiple of 64) will not oc-
cur. For 3Fh latched addresses (or offset from 3Fh by a multiple of 64) three
additional cycle latency occurs prior to the initial access and the 2 cycle latency
between 3Fh and 40h (or offset from these addresses by a multiple of 64) will not
occur.
The device will continue to output sequential burst data, wrapping around to ad-
dress 000000h after it reaches the highest addressable memory location, until
the system drives CE# high, RESET# low, or AVD# low in conjunction with a new
address. See Table 1, “Device Bus Operations,” on page 12.
If the host system crosses the bank boundary while reading in burst mode, and
the device is not programming or erasing, a two-cycle latency will occur as de-
scribed above in the subsequent bank. If the host system crosses the bank


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn