전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GBC4VMI 데이터시트(HTML) 36 Page - SPANSION

부품명 AM29BDS320GBC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GBC4VMI 데이터시트(HTML) 36 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 36 / 74 page
background image
34
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
DQ7 or DQ6/DQ2 in the erasing bank. Refer to the “Write Operation Status” sec-
tion on page 37 section for information on these status bits.
Once the sector erase operation has begun, only the Erase Suspend command is
valid. All other commands are ignored. However, note that a hardware reset im-
mediately terminates the erase operation. If that occurs, the sector erase
command sequence should be reinitiated once that bank has returned to reading
array data, to ensure data integrity.
The host system may also initiate the sector erase command sequence while the
device is in the unlock bypass mode. The command sequence is four cycles cycles
in length instead of six cycles.
Figure 2 illustrates the algorithm for the erase operation. Refer to the Erase/Pro-
gram Operations table in the AC Characteristics section for parameters and timing
diagrams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command, B0h, allows the system to interrupt a sector erase
operation and then read data from, or program data to, any sector not selected
for erasure. The bank address is required when writing this command. This com-
mand is valid only during the sector erase operation, including the minimum 50
µs time-out period during the sector erase command sequence. The Erase Sus-
pend command is ignored if written during the chip erase operation or Embedded
Program algorithm.
When the Erase Suspend command is written during the sector erase operation,
the device requires a maximum of 35 µs to suspend the erase operation. How-
ever, when the Erase Suspend command is written during the sector erase time-
out, the device immediately terminates the time-out period and suspends the
erase operation.
After the erase operation has been suspended, the bank enters the erase-sus-
pend-read mode. The system can read data from or program data to any sector
not selected for erasure. (The device “erase suspends” all sectors selected for
erasure.) Reading at any address within erase-suspended sectors produces sta-
tus information on DQ7–DQ0. The system can use DQ7, or DQ6 and DQ2
together, to determine if a sector is actively erasing or is erase-suspended. Refer
to the Write Operation Status section for information on these status bits.
After an erase-suspended program operation is complete, the bank returns to the
erase-suspend-read mode. The system can determine the status of the program
operation using the DQ7 or DQ6 status bits, just as in the standard program op-
eration. Refer to the “Write Operation Status” section for more information.
In the erase-suspend-read mode, the system can also issue the autoselect com-
mand sequence. Refer to the “Autoselect Functions” section on page 16 and
“Autoselect Command Sequence” section on page 30 sections for details.
To resume the sector erase operation, the system must write the Erase Resume
command. The bank address of the erase-suspended bank is required when writ-
ing this command. Further writes of the Resume command are ignored. Another
Erase Suspend command can be written after the chip has resumed erasing.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn