전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GBC4VMI 데이터시트(HTML) 45 Page - SPANSION

부품명 AM29BDS320GBC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GBC4VMI 데이터시트(HTML) 45 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
43
Prelimin ary
Absolute Maximum Ratings
Storage Temperature, Plastic Packages . . . . . . . . . . . . . . . . –65°C to +150°C
Ambient Temperature with Power Applied . . . . . . . . . . . . . . –65°C to +125°C
Voltage with Respect to Ground:
All Inputs and I/Os except as noted below (Note 1) . . . . –0.5 V to VIO + 0.5 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V
VIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +3.5 V
ACC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +12.5 V
Output Short Circuit Current (Note 3)100 mA
Notes:
1. Minimum DC voltage on input or I/Os is –0.5 V. During voltage transitions, inputs
or I/Os may undershoot VSS to –2.0 V for periods of up to 20 ns during voltage
transitions inputs might overshoot to VCC +0.5 V for periods up to 20 ns. See
Figure 6. Maximum DC voltage on input or I/Os is VCC + 0.5 V. During voltage
transitions outputs may overshoot to VCC + 2.0 V for periods up to 20 ns. See
Figure 7.
2. No more than one output may be shorted to ground at a time. Duration of the
short circuit should not be greater than one second.
3. Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this data sheet is not implied. Exposure of the device to absolute max-
imum rating conditions for extended periods may affect device reliability.
Operating Ranges
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Supply Voltages
VCC Supply Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . .+1.65 V to +1.95 V
VIO Supply Voltages:
VIO
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.65 V to +1.95 V
VIO > VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.7 to +3.15 V
Operating ranges define those limits between which the functionality of the device is
guaranteed.
Figure 6. Maximum Negative
Overshoot Waveform
Figure 7. Maximum Positive Overshoot Waveform
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn