전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GBC4VMI 데이터시트(HTML) 46 Page - SPANSION

부품명 AM29BDS320GBC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GBC4VMI 데이터시트(HTML) 46 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 46 / 74 page
background image
44
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
DC Characteristics
CMOS Compatible
Notes:
1. Maximum ICC specifications are tested with VCC = VCCmax.
2. All ICC specifications are tested with VIO = VCC.
3. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH.
4. ICC active while Embedded Erase or Embedded Program is in progress.
5. Device enters automatic sleep mode when addresses are stable for tACC + 60 ns. Typical sleep mode current is equal to ICC3.
Parameter Description
Test Conditions (Note 1,2)
Min
Typ.
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC, VCC = VCCmax
±1
µA
ILO
Output Leakage Current
VOUT = VSS to VCC, VCC = VCCmax
±1
µA
ICCB
VCC Active Burst Read Current
CE# = VIL, OE# = VIH, WE# = VIH,
54 MHz
10
20
mA
CE# = VIL, OE# = VIH, WE# = VIH,
40 MHz
816
mA
IIO
VIO Non-active Output
VIO = 1.8 V, OE# = VIH
0.2
10
µA
VIO = 3.0 V, OE# = VIH
0.2
10
µA
ICC1
VCC Active Asynchronous Read
Current (Note 3)
CE# = VIL, OE# = VIH,
WE# = VIH
5 MHz
12
16
mA
1 MHz
3.55mA
ICC2
VCC Active Write Current (Note 4) CE# = VIL, OE# = VIH, VPP = VIH
15
40
mA
ICC3
VCC Standby Current (Note 5)
CE# = RESET# = VCC ± 0.2 V
0.2
10
µA
ICC4
VCC Reset Current
RESET# = VIL, CLK = VIL
0.2
10
µA
ICC5
VCC Active Current
(Read While Write)
CE# = VIL, OE# = VIH
25
60
mA
VIL
Input Low Voltage
VIO = 1.8 V
–0.5
0.2
V
VIO = 3.0 V
–0.5
0.4
V
VIH
Input High Voltage
VIO = 1.8 V
VIO – 0.2
VIO + 0.2
V
VIO = 3.0 V
VIO – 0.4
VIO + 0.4
V
VOL
Output Low Voltage
IOL = 100 µA, VCC = VCC min,
VIO = VIO min
0.1
V
VOH
Output High Voltage
IOH = –100 µA, VCC = VCC min,
VIO = VIO min
VIO – 0.1
V
VID
Voltage for Accelerated Program
11.5
12.5
V
VLKO
Low VCC Lock-out Voltage
1.0
1.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn