전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GBC4VMI 데이터시트(HTML) 17 Page - SPANSION

부품명 AM29BDS320GBC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GBC4VMI 데이터시트(HTML) 17 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 17 / 74 page
background image
October 1, 2003 27243B1
Am29BDS320G
15
Prelimin ary
For optimal burst mode performance on devices without the reduced wait-state
handshaking option, the host system must set the appropriate number of wait
states in the flash device depending on clock frequency and the presence of a
boundary crossing. See “Set Burst Mode Configuration Register Command Se-
quence” section on page 25 section for more information. The device will
automatically delay RDY and data by one additional clock cycle when the starting
address is odd.
The autoselect function allows the host system to determine whether the flash
device is enabled for reduced wait-state handshaking. See the “Autoselect Com-
mand Sequence” section for more information.
Simultaneous Read/Write Operations with Zero Latency
This device is capable of reading data from one bank of memory while program-
ming or erasing in another bank of memory. An erase operation may also be
suspended to read from or program to another location within the same bank (ex-
cept the sector being erased). Figure 33, “Back-to-Back Read/Write Cycle
Timings,” on page 69 shows how read and write cycles may be initiated for simul-
taneous operation with zero latency. Refer to the DC Characteristics table for
read-while-program and read-while-erase current specifications.
Writing Commands/Command Sequences
The device has the capability of performing an asynchronous or synchronous
write operation. During a synchronous write operation, to write a command or
command sequence (which includes programming data to the device and erasing
sectors of memory), the system must drive AVD# and CE# to VIL, and OE# to
VIH when providing an address to the device, and drive WE# and CE# to VIL, and
OE# to VIH. when writing commands or data. During an asynchronous write op-
eration, the system must drive CE#, WE#, and CLK to VIL and OE# to VIH when
providing an address, command, and data. The asynchronous and synchronous
programing operation is independent of the Set Device Read Mode bit in the Burst
Mode Configuration Register.
The device features an Unlock Bypass mode to facilitate faster programming.
Once the device enters the Unlock Bypass mode, only two write cycles are re-
quired to program a word, instead of four.
An erase operation can erase one sector, multiple sectors, or the entire device.
Table 8, “Programmable Wait State Settings,” on page 27 indicates the address
space that each sector occupies. The device address space is divided into four
banks: Banks B and C contain only 32 Kword sectors, while Banks A and D contain
both 8 Kword boot sectors in addition to 32 Kword sectors. A “bank address” is
the address bits required to uniquely select a bank. Similarly, a “sector address”
is the address bits required to uniquely select a sector.
ICC2 in the DC Characteristics table represents the active current specification for
the write mode. The AC Characteristics section contains timing specification ta-
bles and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations through the ACC function. ACC
is primarily intended to allow faster manufacturing throughput at the factory.
If the system asserts VID on this input, the device automatically enters the afore-
mentioned Unlock Bypass mode and uses the higher voltage on the input to
reduce the time required for program operations. The system would use a two-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn