전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM29BDS320GBC4VMI 데이터시트(HTML) 18 Page - SPANSION

부품명 AM29BDS320GBC4VMI
상세내용  32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  74 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo 

AM29BDS320GBC4VMI 데이터시트(HTML) 18 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 74 page
 18 / 74 page
background image
16
Am29BDS320G
27243B1 October 1, 2003
Prelimin ary
cycle program command sequence as required by the Unlock Bypass mode. Re-
moving VID from the ACC input returns the device to normal operation. Note that
sectors must be unlocked prior to raising ACC to VID. Note that the ACC pin must
not be at VID for operations other than accelerated programming, or device dam-
age may result. In addition, the ACC pin must not be left floating or unconnected;
inconsistent behavior of the device may result.
When at VIL, ACC locks all sectors. ACC should be at VIH for all other conditions.
Autoselect Functions
If the system writes the autoselect command sequence, the device enters the au-
toselect mode. The system can then read autoselect codes from the internal
register (which is separate from the memory array) on DQ15–DQ0. Autoselect
mode may only be entered and used when in the asynchronous read mode. Refer
to the “Autoselect Command Sequence” section on page 30 section for more
information.
Standby Mode
When the system is not reading or writing to the device, it can place the device
in the standby mode. In this mode, current consumption is greatly reduced, and
the outputs are placed in the high impedance state, independent of the OE#
input.
The device enters the CMOS standby mode when the CE# and RESET# inputs are
both held at VCC ± 0.2 V. The device requires standard access time (tCE) for read
access, before it is ready to read data.
If the device is deselected during erasure or programming, the device draws ac-
tive current until the operation is completed.
ICC3 in the DC Characteristics table represents the standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. While in
asynchronous mode, the device automatically enables this mode when addresses
remain stable for tACC + 60 ns. The automatic sleep mode is independent of the
CE#, WE#, and OE# control signals. Standard address access timings provide
new data when addresses are changed. While in sleep mode, output data is
latched and always available to the system. While in synchronous mode, the de-
vice automatically enables this mode when either the first active CLK edge occurs
after tACC or the CLK runs slower than 5MHz. Note that a new burst operation is
required to provide new data.
ICC4 in the “DC Characteristics” section on page 44 represents the automatic
sleep mode current specification.
RESET#: Hardware Reset Input
The RESET# input provides a hardware method of resetting the device to reading
array data. When RESET# is driven low for at least a period of tRP, the device im-
mediately terminates any operation in progress, tristates all outputs, resets the
configuration register, and ignores all read/write commands for the duration of
the RESET# pulse. The device also resets the internal state machine to reading
array data. The operation that was interrupted should be reinitiated once the de-
vice is ready to accept another command sequence, to ensure data integrity.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74 


데이터시트 Download



관련 부품명

부품명상세내용Html View제조사
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS6408HCMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory and 8 Mbit 512 K x 16-Bit SRAM 1 2 3 4 5 MoreSPANSION
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL129H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 1 2 3 4 5 MoreAdvanced Micro Devices
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDD160G_0616 Megabit 1 M x 16-bit/512 K x 32-Bit CMOS 2.5 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn