전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM42BDS6408H 데이터시트(HTML) 3 Page - SPANSION

부품명 AM42BDS6408H
상세내용  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
Download  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM42BDS6408H 데이터시트(HTML) 3 Page - SPANSION

  AM42BDS6408H 데이터시트 HTML 1Page - SPANSION AM42BDS6408H 데이터시트 HTML 2Page - SPANSION AM42BDS6408H 데이터시트 HTML 3Page - SPANSION AM42BDS6408H 데이터시트 HTML 4Page - SPANSION AM42BDS6408H 데이터시트 HTML 5Page - SPANSION AM42BDS6408H 데이터시트 HTML 6Page - SPANSION AM42BDS6408H 데이터시트 HTML 7Page - SPANSION AM42BDS6408H 데이터시트 HTML 8Page - SPANSION AM42BDS6408H 데이터시트 HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. Do not design in this product without contacting the factory. AMD re-
serves the right to change or discontinue work on this proposed product without notice.
Publication# 30491
Rev: A Amendment:+3
Issue Date: October 23, 2003
Refer to AMD’s Website (www.amd.com) for the latest information.
Am42BDS6408H
Am29BDS640H 64 Megabit (4 M x 16-Bit)
Stacked MultiChip Package (MCP) Flash Memory and SRAM
CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash
Memory, and 8 Mbit (512 K x 16-Bit) SRAM
FLASH DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single 1.8 volt read, program and erase (1.65 to 1.95
volt)
■ Manufactured on 0.13 µm process technology
■ VersatileIO™ (VIO) Feature
— Device generates data output voltages and tolerates
data input voltages as determined by the voltage on
the VIO pin
— 1.8V compatible I/O signals
— Contact factory for availability of 1.5V compatible I/O
signals
Simultaneous Read/Write operation
— Data can be continuously read from one bank while
executing erase/program functions in other bank
— Zero latency between read and write operations
— Four bank architecture: 8Mb/24Mb/24Mb/8Mb
Programable Burst Interface
— 2 Modes of Burst Read Operation
— Linear Burst: 8, 16, and 32 words with
wrap-around
— Continuous Sequential Burst
SecSiTM (Secured Silicon) Sector region
— Up to 128 words accessible through a command
sequence
— Up to 64 factory-locked words
— Up to 64 customer-lockable words
Sector Architecture
— Sixteen 4 Kword sectors and one hundred twenty-six
32 Kword sectors
— Banks A and D each contain eight 4 Kword sectors
and fifteen 32 Kword sectors; Banks B and C each
contain forty-eight 32 Kword sectors
— Sixteen 4 Kword boot sectors: eight at the top of the
address range and eight at the bottom of the address
range
■ Minimum 1 million erase cycle guarantee per sector
■ 20-year data retention at 125°C
— Reliable operation for the life of the system
■ 89-ball FBGA package
PERFORMANCE CHARCTERISTICS
Read access times at 66/54 MHz (CL=30 pF)
— Burst access times of 11/13.5 ns at industrial
temperature range
— Synchronous latency of 56/69 ns
— Asynchronous random access times of 45/50/55 ns
■ Power dissipation (typical values, CL = 30 pF)
— Burst Mode Read: 10 mA
— Simultaneous Operation: 25 mA
— Program/Erase: 15 mA
— Standby mode: 0.2 µA
HARDWARE FEATURES
■ Handshaking feature
— Provides host system with minimum possible latency
by monitoring RDY
— Reduced Wait-state handshaking option further
reduces initial access cycles required for burst
accesses beginning on even addresses
■ Hardware reset input (RESET#)
— Hardware method to reset the device for reading array
data
■ WP# input
— Write protect (WP#) function allows protection of the
four highest and four lowest 4 kWord boot sectors,
regardless of sector protect status
■ Persistent Sector Protection
— A command sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector
— Sectors can be locked and unlocked in-system at VCC
level
■ Password Sector Protection
— A sophisticated sector protection method to lock
combinations of individual sectors and sector groups
to prevent program or erase operations within that
sector using a user-defined 64-bit password
■ ACC input: Acceleration function reduces
programming time; all sectors locked when ACC =
VIL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


데이터시트 Download

Go To PDF Page

관련 부품명

부품명상세내용Html View제조사
AM41PDS3224D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42BDS640AG64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Burst Mode Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41PDS3228D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Page Mode Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL32X8G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS320G32 Megabit 2 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreSPANSION
AM41DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL16X4D16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29BDS640G64 Megabit 4 M x 16-Bit 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn