์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LAN9115 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 61 Page - SMSC Corporation

๋ถ€ํ’ˆ๋ช… LAN9115
์ƒ์„ธ๋‚ด์šฉ  Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
Download  131 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SMSC [SMSC Corporation]
ํ™ˆํŽ˜์ด์ง€  http://www.smsc.com
Logo 

LAN9115 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 61 Page - SMSC Corporation

Zoom Inzoom in Zoom Outzoom out
/ 131 page
 61 / 131 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9115
61
Revision 1.1 (05-17-05)
DATASHEET
3.14.4
Stopping and Starting the Receiver
To stop the receiver, the host must clear the RXEN bit in the MAC Control Register. When the receiver
is halted, the RXSTOP_INT will be pulsed. Once stopped, the host can optionally clear the RX status
and RX data FIFOs. The host must re-enable the receiver by setting the RXEN bit.
3.14.5
Receiver Errors
If the Receiver Error (RXE) flag is asserted for any reason, the receiver will continue operation. RX
Error (RXE) will be asserted under the following conditions:
โ– 
A host underrun of RX data FIFO
โ– 
A host underrun of the RX status FIFO
โ– 
An overrun of the RX status FIFO
It is the duty of the host to identify and resolve any error conditions.
11
Runt Frame. When set, this bit indicates that frame was prematurely terminated before the collision
window (64 bytes). Runt frames are passed on to the host only if the Pass Bad Frames bit MAC_CR
Bit [16] is set.
10
Multicast Frame. When set, this bit indicates that the received frame has a Multicast address.
9:8
Reserved. These bits are reserved. Reads 0.
7
Frame Too Long. When set, this bit indicates that the frame length exceeds the maximum Ethernet
specification of 1518 bytes. This is only a frame too long indication and will not cause the frame
reception to be truncated.
6
Collision Seen. When set, this bit indicates that the frame has seen a collision after the collision
window. This indicates that a late collision has occurred.
5
Frame Type. When set, this bit indicates that the frame is an Ethernet-type frame (Length/Type field
in the frame is greater than 1500). When reset, it indicates the incoming frame was an 802.3 type
frame. This bit is not set for Runt frames less than 14 bytes.
4
Receive Watchdog time-out. When set, this bit indicates that the incoming frame is greater than
2048 bytes through 2560 bytes, therefore expiring the Receive Watchdog Timer.
3
MII Error. When set, this bit indicates that a receive error (RX_ER asserted) was detected during
frame reception.
2
Dribbling Bit. When set, this bit indicates that the frame contained a non-integer multiple of 8 bits.
This error is reported only if the number of dribbling bits in the last byte is 4 in the MII operating mode,
or at least 3 in the 10 Mbps operating mode. This bit will not be set when the collision seen bit[6] is
set. If set and the CRC error bit is [1] reset, then the packet is considered to be valid.
1
CRC Error. When set, this bit indicates that a CRC error was detected. This bit is also set when the
RX_ER pin is asserted during the reception of a frame even though the CRC may be correct. This bit
is not valid if the received frame is a Runt frame, or a late collision was detected or when the
Watchdog Time-out occurs.
0
Reserved. These bits are reserved. Reads 0
BITS
DESCRIPTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn