전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9115-MD 데이터시트(PDF) 82 Page - SMSC Corporation

부품명 LAN9115-MD
상세설명  Highly Efficient Single- Chip 10/100 Non-PCI Ethernet Controller
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9115-MD 데이터시트(HTML) 82 Page - SMSC Corporation

Back Button LAN9115-MD Datasheet HTML 78Page - SMSC Corporation LAN9115-MD Datasheet HTML 79Page - SMSC Corporation LAN9115-MD Datasheet HTML 80Page - SMSC Corporation LAN9115-MD Datasheet HTML 81Page - SMSC Corporation LAN9115-MD Datasheet HTML 82Page - SMSC Corporation LAN9115-MD Datasheet HTML 83Page - SMSC Corporation LAN9115-MD Datasheet HTML 84Page - SMSC Corporation LAN9115-MD Datasheet HTML 85Page - SMSC Corporation LAN9115-MD Datasheet HTML 86Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
Revision 1.1 (05-17-05)
82
SMSC LAN9115
DATASHEET
5.3.9.1
Allowable settings for Configurable FIFO Memory Allocation
TX and RX FIFO space is configurable through the CSR - HW_CFG register defined above. The user
must select the FIFO allocation by setting the TX FIFO Size (TX_FIF_SZ) field in the hardware
configuration (HW_CFG) register. The TX_FIF_SZ field selects the total allocation for the TX data path,
including the TX Status FIFO size. The TX Status FIFO size is fixed at 512 Bytes (128 TX Status
DWORDs). The TX Status FIFO length is subtracted from the total TX FIFO size with the remainder
being the TX data FIFO Size. Note that TX data FIFO space includes both commands and payload
data.
4
Serial Management Interface Select (SMI_SEL). This bit is used to switch
the SMI port (MDIO and MDC) between the internal PHY and the external
MII port. When this bit is cleared to ‘0’, the internal PHY is selected, and all
SMI transactions will be to the internal PHY. When this bit is set to ‘1’, the
external MII port is selected, and all SMI transactions will be to the external
PHY. This bit functions independent of EXT_PHY_EN. When this bit is set,
the internal MDIO and MDC signals are driven low. When this bit is cleared,
the external MIDIO signal is tri-stated, and the MDC signal is driven low.
Note:
This bit does not control the multiplexing of other MII signals.
R/W
0
3
External PHY Detect (EXT_PHY_DET). This bit reflects the latched value
of the EXT_PHY_DET strap. The EXT_PHY_DET strap is used to indicate
the presence of an external PHY. This strap is latched from the value of the
external MDIO signal upon power-up or hard reset. If MDIO is pulled high a
‘1’ will be seen in this bit. If MDIO is pulled low a ‘0’ will be seen in this bit.
The RXT_PHY_DET strap has no other effect on the internal logic. Its only
function is to give the system designer a mechanism to indicate the
presence of an external PHY to a software application.
RO
Dependant
on
EXT_PHY_D
ET strap pin
2
External PHY Enable (EXT_PHY_EN). When set to a ‘1’, this bit enables
the external MII port. When cleared, the internal PHY is enabled and the
external MII port is disabled.
Notes:
This signal does not control multiplexing of the SMI port or the TX_CLK
or RX_CLK signals.
There are restrictions on the use of this bit. Please refer to Section 3.12,
"MII Interface - External MII Switching," on page 43 for details.
RW
0
1
Soft Reset Timeout (SRST_TO). If a software reset is attempted when the
internal PHY is not in the operational state (RX_CLK and TX_CLK running), the reset
will not complete and the soft reset operation will timeout and this bit will be set to a
‘1’. The host processor must correct the problem and issue another soft reset.
RO
0
0
Soft Reset (SRST). Writing 1 generates a software initiated reset. This reset
generates a full reset of the MAC CSR’s. The SCSR’s (system command
and status registers) are reset except for any NASR bits. Soft reset also
clears any TX or RX errors (TXE/RXE). This bit is self-clearing.
Notes:
Do not attempt a soft reset unless the internal PHY is fully awake and
operational. After a PHY reset, or when returning from a reduced power
state, the PHY must given adequate time to return to the operational state
before a soft reset can be issued. The internal RX_CLK and TX_CLK
signals must be running for a proper software reset. Please refer to
Section 6.8, "Reset Timing," on page 124 for details on PHY reset timing.
The LAN9115 must always be read at least once after power-up, reset, or
upon return from a power-saving state or write operations will not function.
SC
0
BITS
DESCRIPTION
TYPE
DEFAULT


유사한 부품 번호 - LAN9115-MD

제조업체부품명데이터시트상세설명
logo
SMSC Corporation
LAN9115-MD SMSC-LAN9115-MD Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
More results

유사한 설명 - LAN9115-MD

제조업체부품명데이터시트상세설명
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9115 MICROCHIP-LAN9115 Datasheet
1Mb / 114P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com