전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6N138SV 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 6N138SV
상세설명  Low Input Current High Gain Split Darlington Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138SV 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button 6N138SV Datasheet HTML 2Page - Fairchild Semiconductor 6N138SV Datasheet HTML 3Page - Fairchild Semiconductor 6N138SV Datasheet HTML 4Page - Fairchild Semiconductor 6N138SV Datasheet HTML 5Page - Fairchild Semiconductor 6N138SV Datasheet HTML 6Page - Fairchild Semiconductor 6N138SV Datasheet HTML 7Page - Fairchild Semiconductor 6N138SV Datasheet HTML 8Page - Fairchild Semiconductor 6N138SV Datasheet HTML 9Page - Fairchild Semiconductor 6N138SV Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N138, 5N139, NCPL2730, HCPL2731 Rev. 1.0.3
6
Electrical Characteristics (TA = 25°C unless otherwise specified)
Current Limiting Resistor Calculations
R1 (Non-Invert) = VDD1 - VDF - VOL1
IF
R1 (Invert) = VDD1 - VOH1 - VDF
IF
R2 = VDD2 - = VOLX (@ IL - I2)
IL
Where:
VDD1 - Input Supply Voltage
VDD2 - Output Supply Voltage
VDF - Diode Forward Voltage
VOL1 - Logic “0” Voltage of Driver
VOH1 - Logic “1” Voltage of Driver
IF - Diode Forward Current
VOLX - Saturation Voltage of
Output Transistor
IL - Load Current Through
Resistor R2
I2 - Input Current of Output Gate
3
4
2
1
6
5
7
8
2
R
1
R
IN
OUT
VDD1
DD2
V
IN
4
3
2
5
6
7
R2
OUT
1
8
DD2
V
R1
Fig. 2 Non-Inverting Logic Interface
Fig. 3 Inverting Logic Interface
INPUT
R1 (V)
OUTPUT
CMOS
@ 5V
CMOS
@ 10V
74XX
74LXX
74SXX
74LSXX
74HXX
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
R2 (V)
CMOS
@ 5V
NON-INV. 2000
1000
2200
750
1000
1000
1000
560
INV.
510
CMOS
@ 10V
NON-INV. 5100
INV.
4700
74XX
NON-INV. 2200
INV.
180
74LXX
NON-INV. 1800
INV.
100
74SXX
NON-INV. 2000
INV.
360
74LSXX NON-INV. 2000
INV.
180
74HXX
NON-INV. 2000
INV.
180
Fig. 1 Resistor Values for Logic Interface


유사한 부품 번호 - 6N138SV

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
6N138SV FAIRCHILD-6N138SV Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138SV FAIRCHILD-6N138SV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138SVM FAIRCHILD-6N138SVM Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
More results

유사한 설명 - 6N138SV

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com