전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT374 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74ABT374
상세설명  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT374 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74ABT374 Datasheet HTML 1Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 2Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT374 Rev. 1.4
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
2. Either voltage limit or current limit is sufficient to protect inputs.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Rating
TSTG
Storage Temperature
–65°C to +150°C
TA
Ambient Temperature Under Bias
–55°C to +125°C
TJ
Junction Temperature Under Bias
–55°C to +150°C
VCC
VCC Pin Potential to Ground Pin
–0.5V to +7.0V
VIN
Input Voltage(2)
–0.5V to +7.0V
IIN
Input Current(2)
–30mA to +5.0mA
VO
Voltage Applied to Any Output
Disabled or Power-Off State
HIGH State
–0.5V to 5.5V
–0.5V to VCC
Current Applied to Output in LOW State (Max.)
twice the rated IOL (mA)
DC Latchup Source Current Across Common Operating Range
OE Pin
Other Pins
–150mA
–500mA
Over Voltage Latchup (I/O)
10V
Symbol
Parameter
Rating
TA
Free Air Ambient Temperature
–40°C to +85°C
VCC
Supply Voltage
+4.5V to +5.5V
∆V / ∆t
Minimum Input Edge Rate
Data Input
Enable Input
Clock Input
50mV/ns
20mV/ns
100mV/ns


유사한 부품 번호 - 74ABT374

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ABT374 FAIRCHILD-74ABT374 Datasheet
133Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
74ABT374A PHILIPS-74ABT374A Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AD PHILIPS-74ABT374AD Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374ADB PHILIPS-74ABT374ADB Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
74ABT374AN PHILIPS-74ABT374AN Datasheet
67Kb / 6P
   Octal D-type flip-flop; positive-edge trigger 3-State
1995 Sep 06
More results

유사한 설명 - 74ABT374

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com