전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ABT573 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 74ABT573
상세설명  Octal D-Type Latch with 3-STATE Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT573 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button 74ABT573_07 Datasheet HTML 3Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 4Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 5Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 6Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 7Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 8Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 9Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 10Page - Fairchild Semiconductor 74ABT573_07 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT573 Rev. 1.4
7
Skew(12)
SOIC package.
Notes:
12. This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described
switching in phase (i.e., all LOW-to-HIGH, HIGH-to-LOW, etc.)
13. This specification is guaranteed but not tested. The limits represent propagation delays with 250pF load capacitors
in place of the 50pF load capacitors in the standard AC load.
14. Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate
outputs of the same device. The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH
(tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-to-LOW (tOST). This specification is guaranteed
but not tested.
15. This describes the difference between the delay of the LOW-to-HIGH and the HIGH-to-LOW transition on the same
pin. It is measured across all the outputs (drivers) on the same chip, the worst (largest delta) number is the
guaranteed specification. This specification is guaranteed but not tested.
16. Propagation delay variation for a given set of conditions (i.e., temperature and VCC) from device to device. This
specification is guaranteed but not tested.
Capacitance
Note:
17. COUT is measured at frequency f = 1MHz per MIL-STD-883B, Method 3012.
Symbol
Parameter
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF,
8 Outputs
Switching(12)
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 250pF,
8 Outputs
Switching(13)
Units
Max.
Max.
tOSHL
(14)
Pin to Pin Skew, HL Transitions
1.0
1.5
ns
tOSLH
(14)
Pin to Pin Skew, LH Transitions
1.0
1.5
ns
tPS
(15)
Duty Cycle, LH–HL Skew
1.4
3.5
ns
tOST
(14)
Pin to Pin Skew, LH/HL Transitions
1.5
3.9
ns
tPV
(16)
Device to Device Skew LH/HL
Transitions
2.0
4.0
ns
Symbol
Parameter
Conditions
(TA = 25°C)
Typ.
Units
CIN
Input Capacitance
VCC = 0V
5
pF
COUT
(17)
Output Capacitance
VCC = 5.0V
9
pF


유사한 부품 번호 - 74ABT573_07

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ABT573A PHILIPS-74ABT573A Datasheet
67Kb / 6P
   Octal D-type transparent latch 3-State
1995 Sep 06
74ABT573A PHILIPS-74ABT573A Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573AD PHILIPS-74ABT573AD Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573ADB PHILIPS-74ABT573ADB Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
74ABT573AN PHILIPS-74ABT573AN Datasheet
52Kb / 6P
   Octal D-type transparent latch (3-State)
1995 Sep 06
More results

유사한 설명 - 74ABT573_07

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHC573MX FAIRCHILD-74VHC573MX Datasheet
253Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com