전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACT520SJ 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 74ACT520SJ
상세설명  8-Bit Identity Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT520SJ 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  74ACT520SJ Datasheet HTML 1Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 2Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 3Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 4Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 5Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 6Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 7Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 8Page - Fairchild Semiconductor 74ACT520SJ Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
tm
March 2007
©1989 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC520, 74ACT520 Rev. 1.4
74AC520, 74ACT520
8-Bit Identity Comparator
Features
Compares two 8-bit words in 6.5ns typ.
Expandable to any word length
20-pin package
Outputs source/sink 24mA
ACT520 has TTL-compatible inputs
General Description
The AC/ACT520 are expandable 8-bit comparators.
They compare two words of up to eight bits each and
provide a LOW output when the two words match bit for
bit. The expansion input IA = B also serves as an active
LOW enable input.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
Connection Diagram
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
Note:
1. A0 = B0, A1 = B1, A2 = B2, etc.
Order
Number
Package
Number
Package Description
74AC520SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACT520SC
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300” Wide Body
74ACT520SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74ACT520PC
N20A
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300” Wide
Pin Names
Description
A0–A7
Word A Inputs
B0–B7
Word B Inputs
TA = B
Expansion or Enable Input
OA = B
Identity Output
Inputs
Outputs
IA = B
A, B
OA = B
LA
= B(1)
L
LA
≠ BH
HA
= B(1)
H
HA
≠ BH
FACT™ is a trademark of Fairchild Semiconductor Corporation
.


유사한 부품 번호 - 74ACT520SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACT520SJ FAIRCHILD-74ACT520SJ Datasheet
80Kb / 8P
   8-Bit Identity Comparator
More results

유사한 설명 - 74ACT520SJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC520 FAIRCHILD-74AC520 Datasheet
80Kb / 8P
   8-Bit Identity Comparator
logo
National Semiconductor ...
54AC521 NSC-54AC521 Datasheet
195Kb / 10P
   8-Bit Identity Comparator
logo
Texas Instruments
74AC11520 TI1-74AC11520_09 Datasheet
120Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54AC520 NSC-54AC520 Datasheet
177Kb / 10P
   8-Bit Identity Comparator
logo
Motorola, Inc
MC5474F521 MOTOROLA-MC5474F521 Datasheet
84Kb / 3P
   8-BIT IDENTITY COMPARATOR
logo
National Semiconductor ...
54F521DM NSC-54F521DM Datasheet
165Kb / 8P
   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74F521 FAIRCHILD-74F521 Datasheet
82Kb / 8P
   8-Bit Identity Comparator
logo
Texas Instruments
54AC520 TI1-54AC520 Datasheet
220Kb / 11P
[Old version datasheet]   8-Bit Identity Comparator
logo
Fairchild Semiconductor
74AC521 FAIRCHILD-74AC521 Datasheet
115Kb / 9P
   8-Bit Identity Comparator
logo
NXP Semiconductors
74F521 PHILIPS-74F521 Datasheet
79Kb / 8P
   8-bit identity comparator
1990 May 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com