전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ02 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74ACTQ02
상세설명  Quad 2-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ02 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74ACTQ02 Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ02 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ02 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ02 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ02 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ02 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ02 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ02 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: Absolute maximum ratings are those values beyond which damage
to the device may occur. The databook specifications should be met, with-
out exception, to ensure that the system design is reliable over its power
supply, temperature, and output/input loading variables. Fairchild does not
recommend operation of FACT
¥ circuits outside databook specifications.
DC Electrical Characteristics
Note 2: All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: Plastic DIP package
Note 5: Max number of outputs defined as (n). Data inputs are 0V to 3V. One output @ GND.
Note 6: Max number of data inputs (n) switching. (n
1) inputs switching 0V to 3V (ACTQ). Input-under-test switching: 3V to threshold (VILD),
0V to threshold (VIHD), f 1 MHz.
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
VI VCC  0.5V
20 mA
DC Input Voltage (VI)
0.5V to VCC  0.5V
DC Output Diode Current (IOK)
VO 0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r50 mA
DC VCC or Ground Current
per Output Pin (ICC or IGND)
r50 mA
Storage Temperature (TSTG)
65qC to 150qC
DC Latch-Up Source or
Sink Current
r300 mA
Junction Temperature (TJ)
PDIP
140
qC
Supply Voltage (VCC)
4.5V to 5.5V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
'V/'t)
125 mV/ns
VIN from 0.8V to 2.0V
VCC @ 4.5V, 5.5V
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
4.5
1.5
2.0
2.0
V
VOUT 0.1V
Input Voltage
5.5
1.5
2.0
2.0
or VCC  0.1V
VIL
Maximum LOW Level
4.5
1.5
0.8
0.8
V
VOUT
0.1V
Input Voltage
5.5
1.5
0.8
0.8
or VCC  0.1V
VOH
Minimum HIGH Level
4.5
4.49
4.4
4.4
V
IOUT 50 PA
Output Voltage
5.5
5.49
5.4
5.4
VIN VIL or VIH
4.5
3.86
3.76
V
IOH 24 mA
5.5
4.86
4.76
IOH 24 mA (Note 2)
VOL
Maximum LOW Level
4.5
0.001
0.1
0.1
V
IOUT 50 PA
Output Voltage
5.5
0.001
0.1
0.1
VIN VIL or VIH
4.5
0.36
0.44
V
IOL 24 mA
5.5
0.36
0.44
IOL 24 mA (Note 2)
IIN
Maximum Input Leakage Current
5.5
r 0.1
r 1.0
PAVI VCC, GND
ICCT
Maximum ICC/Input
5.5
1.6
1.5
mA
VI VCC  2.1V
IOLD
Minimum Dynamic
5.5
75
mA
VOLD 1.65V Max
IOHD
Output Current (Note 3)
5.5
75
mA
VOHD 3.85V Min
ICC
Maximum Quiescent Supply Current
5.5
2.0
20.0
PAVIN VCC or GND
VOLP
Quiet Output
|Maximum Dynamic VOL
5.0
1.1
1.5
V
Figure 1, Figure 2
(Note 4)(Note 5)
VOLV
Quiet Output
Minimum Dynamic VOL
5.0
0.6
1.2
V
Figure 1, Figure 2
(Note 4)(Note 5)
VIHD
Minimum HIGH Level
Dynamic Input Voltage
5.0
1.9
2.2
V
(Note 4)(Note 6)
VILD
Maximum LOW Level
Dynamic Input Voltage
5.0
1.2
0.8
V
(Note 4)(Note 6)


유사한 부품 번호 - 74ACTQ02

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
74ACTQ02PC FAIRCHILD-74ACTQ02PC Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
74ACTQ02SC FAIRCHILD-74ACTQ02SC Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
74ACTQ02SJ FAIRCHILD-74ACTQ02SJ Datasheet
80Kb / 7P
   Quad 2-Input NOR Gate
More results

유사한 설명 - 74ACTQ02

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
   Quad 2-Input NOR Gate
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com