전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74ALVC86 데이터시트(HTML) 2 Page - Fairchild Semiconductor

부품명 74ALVC86
상세내용  Low Voltage Quad 2-Input Exclusive-OR Gate with 3.6V Tolerant Inputs and Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ALVC86 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74ALVC86_05 데이터시트 HTML 1Page - Fairchild Semiconductor 74ALVC86_05 데이터시트 HTML 2Page - Fairchild Semiconductor 74ALVC86_05 데이터시트 HTML 3Page - Fairchild Semiconductor 74ALVC86_05 데이터시트 HTML 4Page - Fairchild Semiconductor 74ALVC86_05 데이터시트 HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions (Note 4)
Note 2: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the Absolute Maximum Rat-
ings. The ?Recommended Operating Conditions? table will define the condi-
tions for actual device operation.
Note 3: IO Absolute Maximum Rating must be observed.
Note 4: Floating or unused inputs must be held HIGH or LOW.
DC Electrical Characteristics
Supply Voltage (VCC)
0.5V to 4.6V
DC Input Voltage (VI)
0.5V to 4.6V
Output Voltage (VO) (Note 3)
0.5V to VCC 0.5V
DC Input Diode Current (IIK)
VI  0V
50 mA
DC Output Diode Current (IOK)
VO  0V
50 mA
DC Output Source/Sink Current
(IOH/IOL)
r50 mA
DC VCC or GND Current per
Supply Pin (ICC or GND)
r100 mA
Storage Temperature Range (TSTG)
65qC to 150qC
Power Supply
Operating
1.65V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Free Air Operating Temperature (TA)
40qC to 85qC
Minimum Input Edge Rate (
't/'V)
VIN 0.8V to 2.0V, VCC 3.0V
10 ns/V
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VIH
HIGH Level Input Voltage
1.65 -1.95
0.65 x VCC
V
2.3 - 2.7
1.7
2.7 - 3.6
2.0
VIL
LOW Level Input Voltage
1.65 -1.95
0.35 x VCC
V
2.3 - 2.7
0.7
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH 100 PA
1.65 - 3.6
VCC - 0.2
V
IOH 4 mA
1.65
1.2
IOH 6 mA
2.3
2
IOH 12 mA
2.3
1.7
2.7
2.2
3.0
2.4
IOH 24 mA
3.0
2
VOL
LOW Level Output Voltage
IOL 100 PA
1.65 - 3.6
0.2
V
IOL 4 mA
1.65
0.45
IOL 6 mA
2.3
0.4
IOL 12mA
2.3
0.7
2.7
0.4
IOL 24 mA
3
0.55
II
Input Leakage Current
0
d VI d 3.6V
3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
3.6
r10
PA
ICC
Quiescent Supply Current
VI VCC or GND, IO 0
3.6
40
PA
'ICC
Increase in ICC per Input
VIH VCC  0.6V
3 -3.6
750
PA


Html Pages

1  2  3  4  5 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn