전자부품 데이터시트 검색엔진 |
|
74F132SJ 데이터시트(PDF) 1 Page - Fairchild Semiconductor |
|
74F132SJ 데이터시트(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page © 2000 Fairchild Semiconductor Corporation DS009477 www.fairchildsemi.com April 1988 Revised September 2000 74F132 Quad 2-Input NAND Schmitt Trigger General Description The F132 contains four 2-input NAND gates which accept standard TTL input signals and provide standard TTL out- put levels. They are capable of transforming slowly chang- ing input signals into sharply defined, jitter-free output signals. In addition, they have a greater noise margin than conventional NAND gates. Each circuit contains a 2-input Schmitt Trigger followed by level shifting circuitry and a standard FAST output struc- ture. The Schmitt Trigger uses positive feedback to effec- tively speed-up slow input transitions, and provide different input threshold voltages for positive and negative-going transitions. This hysteresis between the positive-going and negative-going input threshold (typically 800 mV) is deter- mined by resistor ratios and is essentially insensitive to temperature and supply voltage variations. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Logic Symbol IEEE/IEC Unit Loading/Fan Out Connection Diagram Function Table H = HIGH Voltage Level L = LOW Voltage Level FAST is a registered trademark of Fairchild Semiconductor Corporation Order Number Package Number Package Description 74F132SC M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow 74F132SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74F132PC N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Pin Names Description U.L. Input IIH/IIL HIGH/LOW Output IOH/IOL An, Bn Inputs 1.0/1.0 20 µA/−0.6 mA On Outputs 50/33.3 −1 mA/20 mA Inputs Outputs AB O LL H LH H HL H HH L |
유사한 부품 번호 - 74F132SJ |
|
유사한 설명 - 74F132SJ |