전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74F194SC 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 74F194SC
상세설명  4-Bit Bidirectional Universal Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F194SC 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  74F194SC Datasheet HTML 1Page - Fairchild Semiconductor 74F194SC Datasheet HTML 2Page - Fairchild Semiconductor 74F194SC Datasheet HTML 3Page - Fairchild Semiconductor 74F194SC Datasheet HTML 4Page - Fairchild Semiconductor 74F194SC Datasheet HTML 5Page - Fairchild Semiconductor 74F194SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F194 contains four edge-triggered D-type flip-flops
and the necessary interstage logic to synchronously per-
form shift right, shift left, parallel load and hold operations.
Signals applied to the Select (S0, S1) inputs determine the
type of operation, as shown in the Mode Select Table. Sig-
nals on the Select, Parallel data (P0–P3) and Serial data
(DSR, DSL) inputs can change when the clock is in either
state, provided only that the recommended setup and hold
times, with respect to the clock rising edge, are observed.
A LOW signal on Master Reset (MR) overrides all other
inputs and forces the outputs LOW.
Mode Select Table
H (h)
= HIGH Voltage Level
L (l)
= LOW Voltage Level
pn (qn) = Lower case letters indicate the state of the referenced input (or
output) one setup time prior to the LOW-to-HIGH clock transition.
X
= Immaterial
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
S0, S1
Mode Control Inputs
1.0/1.0
20
µA/−0.6 mA
P0–P3
Parallel Data Inputs
1.0/1.0
20
µA/−0.6 mA
DSR
Serial Data Input (Shift Right)
1.0/1.0
20
µA/−0.6 mA
DSL
Serial Data Input (Shift Left)
1.0/1.0
20
µA/−0.6 mA
CP
Clock Pulse Input (Active Rising Edge)
1.0/1.0
20
µA/−0.6 mA
MR
Asynchronous Master Reset Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
Q0–Q3
Parallel Outputs
50/33.3
−1 mA/20 mA
Operating
Inputs
Outputs
Mode
MR S1 S0 DSR DSL Pn Q0 Q1 Q2 Q3
Reset
L
X
X
X
X
X
L
L
L
L
Hold
H
l
l
X
X
X
q0 q1 q2 q3
Shift Left
H
h
l
X
l
X
q1 q2 q3 L
Hh
l
X
h
X
q1 q2 q3 H
Shift Right
H
l
h
l
X
X
L
q0 q1 q2
Hlh
h
X
X
H
q0 q1 q2
Parallel Load
H
h
h
X
X
pn p0 p1 p2 p3


유사한 부품 번호 - 74F194SC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
74F194SC NSC-74F194SC Datasheet
162Kb / 8P
   4-Bit Bidirectional Universal Shift Register
logo
Fairchild Semiconductor
74F194SC FAIRCHILD-74F194SC Datasheet
76Kb / 7P
   4-Bit Bidirectional Universal Shift Register
More results

유사한 설명 - 74F194SC

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Fairchild Semiconductor
DM74LS194A FAIRCHILD-DM74LS194A Datasheet
68Kb / 6P
   4-Bit Bidirectional Universal Shift Register
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com