전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM70PDL127CDH 데이터시트(PDF) 89 Page - Advanced Micro Devices

부품명 AM70PDL127CDH
상세설명  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM70PDL127CDH 데이터시트(HTML) 89 Page - Advanced Micro Devices

Back Button AM70PDL127CDH Datasheet HTML 85Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 86Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 87Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 88Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 89Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 90Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 91Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 92Page - Advanced Micro Devices AM70PDL127CDH Datasheet HTML 93Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 127 page
background image
November 24, 2003
Am70PDL127CDH/Am70PDL129CDH
87
ADV ANCE
I N FO RMAT I O N
Sector Group Protection and
Unprotection
The hardware sector group protection feature disables
both program and erase operations in any sector
group. In this device, a sector group consists of four
adjacent sectors that are protected or unprotected at
the same time (see Table 4). The hardware sector
group unprotection feature re-enables both program
and erase operations in previously protected sector
groups. Sector group protection/unprotection can be
implemented via two methods.
Sector protection/unprotection requires V
ID on the RE-
SET# pin only, and can be implemented either in-sys-
tem or via programming equipment. Figure 2 shows
the algorithms and Figure 24 shows the timing dia-
gram. This method uses standard microprocessor bus
cycle timing. For sector group unprotect, all unpro-
tected sector groups must first be protected prior to
the first sector group unprotect write cycle.
The device is shipped with all sector groups unpro-
tected. AMD offers the option of programming and pro-
tecting sector groups at its factory prior to shipping the
device through AMD’s ExpressFlash™ Service. Con-
tact an AMD representative for details.
It is possible to determine whether a sector group is
protected or unprotected. See the Autoselect Mode
section for details.
Table 3.
Sector Group Protection/Unprotection
Address Table
Sector Group
A21–A15
SA0
0000000
SA1
0000001
SA2
0000010
SA3
0000011
SA4–SA7
00001xx
SA8–SA11
00010xx
SA12–SA15
00011xx
SA16–SA19
00100xx
SA20–SA23
00101xx
SA24–SA27
00110xx
SA28–SA31
00111xx
SA32–SA35
01000xx
SA36–SA39
01001xx
SA40–SA43
01010xx
SA44–SA47
01011xx
SA48–SA51
01100xx
SA52–SA55
01101xx
SA56–SA59
01110xx
SA60–SA63
01111xx
SA64–SA67
10000xx
SA68–SA71
10001xx
SA72–SA75
10010xx
SA76–SA79
10011xx
SA80–SA83
10100xx
SA84–SA87
10101xx
SA88–SA91
10110xx
SA92–SA95
10111xx
SA96–SA99
11000xx
SA100–SA103
11001xx
SA104–SA107
11010xx
SA108–SA111
11011xx
SA112–SA115
11100xx
SA116–SA119
11101xx
SA120–SA123
11110xx
SA124
1111100
SA125
1111101
SA126
1111110
SA127
1111111
Sector Group
A21–A15


유사한 부품 번호 - AM70PDL127CDH

제조업체부품명데이터시트상세설명
logo
SPANSION
AM70PDL127CDH SPANSION-AM70PDL127CDH Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL127CDH66I SPANSION-AM70PDL127CDH66I Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL127CDH66IS SPANSION-AM70PDL127CDH66IS Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL127CDH66IT SPANSION-AM70PDL127CDH66IT Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
AM70PDL127CDH85I SPANSION-AM70PDL127CDH85I Datasheet
1Mb / 127P
   Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
More results

유사한 설명 - AM70PDL127CDH

제조업체부품명데이터시트상세설명
logo
SPANSION
AM70PDL127BDH SPANSION-AM70PDL127BDH Datasheet
2Mb / 128P
   2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM29PLI60C AMD-AM29PLI60C Datasheet
987Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
AM29PL160C AMD-AM29PL160C_06 Datasheet
843Kb / 44P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com