전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM49LV6408M 데이터시트(PDF) 3 Page - SPANSION

부품명 AM49LV6408M
상세설명  Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM49LV6408M 데이터시트(HTML) 3 Page - SPANSION

  AM49LV6408M Datasheet HTML 1Page - SPANSION AM49LV6408M Datasheet HTML 2Page - SPANSION AM49LV6408M Datasheet HTML 3Page - SPANSION AM49LV6408M Datasheet HTML 4Page - SPANSION AM49LV6408M Datasheet HTML 5Page - SPANSION AM49LV6408M Datasheet HTML 6Page - SPANSION AM49LV6408M Datasheet HTML 7Page - SPANSION AM49LV6408M Datasheet HTML 8Page - SPANSION AM49LV6408M Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
ADVANCE INFORMATION
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 30918
Rev: A Amendment/0
Issue Date: November 5, 2003
Refer to AMD’s Website (www.amd.com) for the latest information.
Am49LV6408M
Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8
Mbit (512K x 16-Bit) pseudo Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
■ Power supply voltage of 2.7 to 3.3 volt
■ High Performance
— Access time as fast as 100ns initial 5 ns page Flash
55 ns pSRAM
■ Package
— 69-Ball FBGA
— Look ahead pinout for simple migration
— 8 x 10 x 1.2 mm
■ Operating Temperature
—–40
°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
■ Single power supply operation
— 3 V for read, erase, and program operations
■ Manufactured on 0.23 µm MirrorBit process
technology
■ SecSi
™ (Secured Silicon) Sector region
— 128-word sector for permanent, secure identification
through an 8-word random Electronic Serial Number,
accessible through a command sequence
— May be programmed and locked at the factory or by
the customer
■ Flexible sector architecture
— One hundred twenty seven 32 Kword sectors
— Eight 4 Kword boot sectors
■ Compatibility with JEDEC standards
— Provides pinout and software compatibility for
single-power supply flash, and superior inadvertent
write protection
■ Minimum 100,000 erase cycle guarantee per sector
■ 20-year data retention at 125
°C
PERFORMANCE CHARACTERISTICS
■ High performance
— 100 ns access time
— 35 ns page read times
— 0.5 s typical sector erase time
— 22 µs typical write buffer word programming time:
16-word write buffer reduces overall programming
time for multiple-word updates
— 4-word page read buffer
— 16-word write buffer
■ Low power consumption (typical values at 3.0 V, 5
MHz)
— 30 mA typical initial Page read current; 10 mA typical
intra-Page read current
— 50 mA typical erase/program current
— 1 µA typical standby mode current
SOFTWARE & HARDWARE FEATURES
■ Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
■ Hardware features
— Sector Group Protection: hardware-level method of
preventing write operations within a sector group
— Temporary Sector Unprotect: V
ID-level method of
changing code in locked sectors
— WP#/ACC input:
Write Protect input (WP#) protects top or bottom two
sectors regardless of sector protection settings
ACC (high voltage) accelerates programming time for
higher throughput during system production
— Hardware reset input (RESET#) resets device
pSRAM Features
■ As fast as 55ns access time
■ Power dissipation
— Operating: 23 mA maximum
— Standby: 60 µA maximum at 3.0 V
■ CE1ps# and CE2ps Chip Select
■ Power down features using CE1ps# and CE2ps
■ Data retention supply voltage: 1.5 to 3.3 volt
■ Byte data control: LB#s (DQ7–DQ0),
UB#s (DQ15–DQ8)


유사한 부품 번호 - AM49LV6408M

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49LV6408MB10I SPANSION-AM49LV6408MB10I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MB11I SPANSION-AM49LV6408MB11I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MB15I SPANSION-AM49LV6408MB15I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MT10I SPANSION-AM49LV6408MT10I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MT11I SPANSION-AM49LV6408MT11I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
More results

유사한 설명 - AM49LV6408M

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM41LV3204M SPANSION-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
logo
Advanced Micro Devices
AM41LV3204M AMD-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
logo
Integrated Silicon Solu...
75V16F64GS16 ISSI-75V16F64GS16 Datasheet
239Kb / 50P
   64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
logo
SPANSION
AM42DL640AG SPANSION-AM42DL640AG Datasheet
916Kb / 62P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only
logo
AMIC Technology
A81L801 AMICC-A81L801 Datasheet
705Kb / 47P
   Stacked Multi-chip Package (MCP) 1 M X 8 Bit / 512K X 16 Bit Boot Sector Flash Memory and 128K x 8 Low Voltage CMOS SRAM
logo
Hynix Semiconductor
HY29LV400 HYNIX-HY29LV400 Datasheet
549Kb / 40P
   4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
Silicon Storage Technol...
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com