전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM49LV6408M 데이터시트(PDF) 10 Page - SPANSION

부품명 AM49LV6408M
상세설명  Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit)
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

AM49LV6408M 데이터시트(HTML) 10 Page - SPANSION

Back Button AM49LV6408M Datasheet HTML 6Page - SPANSION AM49LV6408M Datasheet HTML 7Page - SPANSION AM49LV6408M Datasheet HTML 8Page - SPANSION AM49LV6408M Datasheet HTML 9Page - SPANSION AM49LV6408M Datasheet HTML 10Page - SPANSION AM49LV6408M Datasheet HTML 11Page - SPANSION AM49LV6408M Datasheet HTML 12Page - SPANSION AM49LV6408M Datasheet HTML 13Page - SPANSION AM49LV6408M Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
8
Am49LV6408M
November 5, 2003
ADV ANCE
I N FO RMAT I O N
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations
Am49LV640
8
M
T
10
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
PROCESS TECHNOLOGY
M
=
0.23 µm MirrorBit
pSRAM DEVICE DENSITY
8=
8 Mbits
AMD DEVICE NUMBER/DESCRIPTION
Am49LV6408M
Stacked Multi-Chip Package (MCP) Flash Memory and pSRAM
Am29LV640M 64 Megabit (4 M x 16-Bit) Flash Memory and
8 Mbit (512K x 16-Bit) pseudo Static RAM
Valid Combinations
Order Number
Package Marking
Am49LV6408MT15I
T
M49000003Z
Am49LV6408MB15I
M49000004A
Am49LV6408MT10I
M49000002T
Am49LV6408MB10I
M49000002U
Am49LV6408MT11I
M49000002V
Am49LV6408MB11I
M49000002X


유사한 부품 번호 - AM49LV6408M

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49LV6408MB10I SPANSION-AM49LV6408MB10I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MB11I SPANSION-AM49LV6408MB11I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MB15I SPANSION-AM49LV6408MB15I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MT10I SPANSION-AM49LV6408MT10I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM49LV6408MT11I SPANSION-AM49LV6408MT11I Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
More results

유사한 설명 - AM49LV6408M

제조업체부품명데이터시트상세설명
logo
SPANSION
AM49LV4608M SPANSION-AM49LV4608M Datasheet
1Mb / 63P
   Stacked Multi-chip Package (MCP) 64 Mbit (4 M x 16 bit) Flash Memory and 8 Mbit (512K x 16-Bit) pseudo Static RAM
AM41LV3204M SPANSION-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
logo
Advanced Micro Devices
AM41LV3204M AMD-AM41LV3204M Datasheet
962Kb / 67P
   Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
logo
Integrated Silicon Solu...
75V16F64GS16 ISSI-75V16F64GS16 Datasheet
239Kb / 50P
   64 Mbit FLASH MEMORY AND 16 Mbit PSEUDO SRAM STACKED MULTI-CHIP PACKAGE (MCP)
logo
SPANSION
AM42DL640AG SPANSION-AM42DL640AG Datasheet
916Kb / 62P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only
logo
AMIC Technology
A81L801 AMICC-A81L801 Datasheet
705Kb / 47P
   Stacked Multi-chip Package (MCP) 1 M X 8 Bit / 512K X 16 Bit Boot Sector Flash Memory and 128K x 8 Low Voltage CMOS SRAM
logo
Hynix Semiconductor
HY29LV400 HYNIX-HY29LV400 Datasheet
549Kb / 40P
   4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
logo
Intel Corporation
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
logo
Silicon Storage Technol...
SST39CF200A SST-SST39CF200A Datasheet
343Kb / 20P
   2 MBIT / 4 MBIT / 8 MBIT ( X 16 ) MULTI - PURPOSE FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com