전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVQ273SC 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 74LVQ273SC
상세설명  Low Voltage Octal D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ273SC 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  74LVQ273SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ273SC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs within the same packaged device.
The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by
design. Not tested.
AC Operating Requirements
Capacitance
Note 10: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Min
Typ
Max
Min
Max
fMAX
Maximum Clock
2.7
50
45
MHz
Frequency
3.3
± 0.3
90
75
tPLH
Propagation Delay
2.7
4.0
9.6
17.6
3.0
20.0
ns
CP to Qn
3.3
± 0.3
4.0
8.0
12.5
3.0
14.0
tPHL
Propagation Delay
2.7
4.0
10.2
18.3
3.5
20.5
ns
CP to Qn
3.3
± 0.3
4.0
8.5
13.0
3.5
14.5
tPHL
Propagation Delay
2.7
4.0
10.2
18.3
3.5
20.0
ns
MR to Qn
3.3
± 0.3
4.0
8.5
13.0
3.5
14.0
tOSHL
Output to Output
2.7
1.0
1.5
1.5
ns
tOSLH
Skew (Note 9)
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
2.7
6.5
8.5
ns
Dn to CP
3.3
± 0.3
5.0
6.0
tH
Hold Time, HIGH or LOW
2.7
0.0
0.0
ns
Dn to CP
3.3
± 0.3
0.0
0.0
tW
Clock Pulse Width
2.7
7.0
8.5
ns
HIGH or LOW
3.3
± 0.3
5.5
6.0
tW
MR Pulse Width
2.7
7.0
8.5
ns
HIGH or LOW
3.3
± 0.3
5.5
6.0
tW
Recovery Time
2.7
5.0
6.5
ns
MR to CP
3.3
± 0.3
4.0
4.5
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
35
pF
VCC = 3.3V


유사한 부품 번호 - 74LVQ273SC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVQ273SC FAIRCHILD-74LVQ273SC Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
More results

유사한 설명 - 74LVQ273SC

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
74LVT574 ONSEMI-74LVT574 Datasheet
341Kb / 13P
   Low Voltage Octal D-Type Flip-Flop
January 2008 Rev. 1.6.0
logo
Fairchild Semiconductor
74LVQ273 FAIRCHILD-74LVQ273 Datasheet
89Kb / 6P
   Low Voltage Octal D-Type Flip-Flop
74LVX273 FAIRCHILD-74LVX273 Datasheet
80Kb / 7P
   Low Voltage Octal D-Type Flip-Flop
logo
ON Semiconductor
74LVX273 ONSEMI-74LVX273 Datasheet
198Kb / 9P
   Low Voltage Octal D-Type Flip-Flop
Revised April 2005
74LVC374A ONSEMI-74LVC374A_16 Datasheet
101Kb / 10P
   Low-Voltage CMOS Octal D-Type Flip-Flop
April, 2016 ??Rev. 2
logo
Motorola, Inc
MC74LCX374 MOTOROLA-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX374 ONSEMI-MC74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
Motorola, Inc
MC74LVQ374 MOTOROLA-MC74LVQ374 Datasheet
212Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX574 ONSEMI-MC74LCX574 Datasheet
159Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 2
MC74LCX374 ONSEMI-MC74LCX374_12 Datasheet
136Kb / 9P
   Low-Voltage CMOS Octal D-Type Flip-Flop
July, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com