전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVQ573 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74LVQ573
상세설명  Low Voltage Octal Latch with 3-STATE Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ573 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74LVQ573 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 6Page - Fairchild Semiconductor 74LVQ573 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH). Parameter guaranteed by design.
AC Operating Requirements
Capacitance
Note 10: CPD is measured at 10 MHz.
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Min
Typ
Max
Min
Max
tPHL
Propagation Delay
2.7
2.5
10.2
14.8
2.5
16.0
ns
tPLH
Dn to On
3.3
± 0.3
2.5
8.5
10.5
2.5
11.0
tPLH
Propagation Delay
2.7
2.5
10.2
16.9
2.5
18.0
ns
tPHL
LE to On
3.3
± 0.3
2.5
8.5
12.0
2.5
12.5
tPZL
Output Enable Time
2.7
2.5
10.2
18.3
2.5
19.0
ns
tPZH
3.3
± 0.3
2.5
8.5
13.0
2.5
13.5
tPHZ
Output Disable Time
2.7
1.0
10.8
20.4
1.0
21.0
ns
tPLZ
3.3
± 0.3
1.0
9.0
14.5
1.0
15.0
tOSHL
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Dn to On
3.3
± 0.3
1.0
1.5
1.5
Symbol
Parameter
TA = +25°CTA = −40°C to +85°C
Units
VCC
CL = 50 pF
CL = 50 pF
(V)
Typ
Guaranteed Minimum
tS
Setup Time, HIGH or LOW
2.7
0
4.0
4.5
ns
Dn to LE
3.3
± 0.3
0
3.0
3.0
tH
Hold Time, HIGH or LOW
2.7
0
1.5
1.5
ns
Dn to LE
3.3
± 0.3
0
1.5
1.5
tW
LE Pulse Width, HIGH
2.7
2.4
5.0
6.0
ns
3.3
± 0.3
2.0
4.0
4.0
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation Capacitance
37
pF
VCC = 3.3V


유사한 부품 번호 - 74LVQ573

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
logo
Fairchild Semiconductor
74LVQ573 FAIRCHILD-74LVQ573 Datasheet
101Kb / 6P
   Low Voltage Octal Latch with 3-STATE Outputs
logo
STMicroelectronics
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74LVQ573M STMICROELECTRONICS-74LVQ573M Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74LVQ573MTR STMICROELECTRONICS-74LVQ573MTR Datasheet
288Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
More results

유사한 설명 - 74LVQ573

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX573 FAIRCHILD-74LVX573 Datasheet
92Kb / 7P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ573 FAIRCHILD-74LVQ573 Datasheet
101Kb / 6P
   Low Voltage Octal Latch with 3-STATE Outputs
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVTH373 FAIRCHILD-74LVTH373_08 Datasheet
316Kb / 10P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com