์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74VCX00 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Fairchild Semiconductor

๋ถ€ํ’ˆ๋ช… 74VCX00
์ƒ์„ธ๋‚ด์šฉ  Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  FAIRCHILD [Fairchild Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX00 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Fairchild Semiconductor

  74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 1Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 2Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 3Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 4Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 5Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 6Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 7Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 8Page - Fairchild Semiconductor 74VCX00_05 ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ฉ 2005 Fairchild Semiconductor Corporation
DS500160
www.fairchildsemi.com
July 1999
Revised February 2005
74VCX00
Low Voltage Quad 2-Input NAND Gate
with 3.6V Tolerant Inputs and Outputs
General Description
The VCX00 contains four 2-input NAND gates. This prod-
uct is designed for low voltage (1.2V to 3.6V) VCC applica-
tions with I/O compatibility up to 3.6V.
The VCX00 is fabricated with an advanced CMOS technol-
ogy to achieve high-speed operation while maintaining low
CMOS power dissipation.
Features
s 1.2V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
2.8 ns max for 3.0V to 3.6V VCC
s Power-off high impedance inputs and outputs
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
s Uses patented noise/EMI reduction
circuitry
s Latchup performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 250V
s Leadless Pb-Free DQFN package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter ?X? to the ordering code.
Pb-Free package per JEDED J-STD-020B.
Note 1: DQFN package available in Tape and Reel only.
Note 2: ?_NL? indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
Order Number
Package
Package Description
Number
74VCX00M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VCX00BQX
(Note 1)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74VCX00MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
74VCX00MTCX_NL
(Note 2)
MTC14
Pb-Free 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Html Pages

1  2  3  4  5  6  7  8  9  10 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn