전자부품 데이터시트 검색엔진 |
|
AM29LV800DB70WCF 데이터시트(PDF) 4 Page - SPANSION |
|
AM29LV800DB70WCF 데이터시트(HTML) 4 Page - SPANSION |
4 / 46 page 2 Am29LV800D Am29LV800D_00_A7 December 4, 2006 D A TA SH EET GENERAL DESCRIPTION The Am29LV800D is an 8 Mbit, 3.0 volt-only Flash memory organized as 1,048,576 bytes or 524,288 words. The device is offered in 48-ball FBGA, 44-pin SO, and 48-pin TSOP packages. For more informa- t i on, ref e r t o pu blicat ion n u mber 2153 6. Th e word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This de- vice requires only a single, 3.0 volt V CC supply to per- form read, program, and erase operations. A standard EPROM programmer can also be used to program and erase the device. This device is manufactured using AMD’s 0.23 µm pro- cess technology, and offers all the features and bene- fits of the Am29LV800B, which was manufactured using 0.32 µm process technology. The standard device offers access times of 70, 90, and 120 ns, allowing high speed microprocessors to oper- ate without wait states. To eliminate bus contention the device has separate chip enable (CE#), write enable (WE#) and output enable (OE#) controls. The device requires only a single 3.0 volt power sup- ply for both read and write functions. Internally gener- ated and regulated voltages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the command register using standard microprocessor write timings. Register con- tents serve as input to an internal state-machine that controls the erase and programming circuitry. Write cycles also inter nally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other Flash or EPROM devices. Device programming occurs by executing the program command sequence. This initiates the Embedded Program algorithm—an internal algorithm that auto- matically times the program pulse widths and verifies proper cell margin. The Unlock Bypass mode facili- tates faster programming times by requiring only two write cycles to program data instead of four. Device erasure occurs by executing the erase com- mand sequence. This initiates the Embedded Erase algorithm—an internal algorithm that automatically preprograms the array (if it is not already programmed) before executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by observing the RY/BY# pin, or by reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sec- tors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. Hardware data protection measures include a low V CC detector that automatically inhibits write opera- tions during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of the sectors of mem- ory. This can be achieved in-system or via program- ming equipment. The Erase Suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. True background erase can thus be achieved. The hardware RESET# pin terminates any operation in progress and resets the internal state machine to reading array data. The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset the device, enabling the system micropro- cessor to read the boot-up firmware from the Flash memory. The device offers two power-saving features. When addresses have been stable for a specified amount of time, the device enters the automatic sleep mode. The system can also place the device into the standby mode. Power consumption is greatly re- duced in both these modes. AMD’s Flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effective- ness. The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunnel- ing. The data is programmed using hot electron injec- tion. |
유사한 부품 번호 - AM29LV800DB70WCF |
|
유사한 설명 - AM29LV800DB70WCF |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |