전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCXH162373MTD 데이터시트(PDF) 8 Page - Fairchild Semiconductor

부품명 74VCXH162373MTD
상세설명  Low Voltage 16-Bit Transparent Latch with Bushold and 26ohm Series Resistors in Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCXH162373MTD 데이터시트(HTML) 8 Page - Fairchild Semiconductor

  74VCXH162373MTD Datasheet HTML 1Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 2Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 3Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 4Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 5Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 6Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 7Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 8Page - Fairchild Semiconductor 74VCXH162373MTD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.fairchildsemi.com
8
AC Loading and Waveforms (VCC 1.5V r 0.1V)
FIGURE 7. AC Test Circuit
FIGURE 8. Waveform for Inverting and Non-Inverting Functions
FIGURE 9. 3-STATE Output HIGH Enable and Disable Times for Low Voltage Logic
FIGURE 10. 3-STATE Output LOW Enable and Disable Times for Low Voltage Logic
TEST
SWITCH
tPLH, tPHL
Open
tPZL, tPLZ
VCC x 2 at VCC 1.5 r 0.1V
tPZH, tPHZ
GND
Symbol
VCC
1.5V
r 0.1V
Vmi
VCC/2
Vmo
VCC/2
VX
VOL 0.1V
VY
VOH 0.1V


유사한 부품 번호 - 74VCXH162373MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCXH162373MTD FAIRCHILD-74VCXH162373MTD Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
More results

유사한 설명 - 74VCXH162373MTD

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ALVCH162373 FAIRCHILD-74ALVCH162373 Datasheet
96Kb / 6P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistors in Outputs
74VCXH162373 FAIRCHILD-74VCXH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26廓 Series Resistors in Outputs
74VCX162373 FAIRCHILD-74VCX162373_05 Datasheet
153Kb / 8P
   Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCXH162373 FAIRCHILD-74LCXH162373 Datasheet
113Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold and 26??Series Resistor Outputs
74LCXH16373 FAIRCHILD-74LCXH16373 Datasheet
220Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74ALVCH16373 FAIRCHILD-74ALVCH16373 Datasheet
95Kb / 7P
   Low Voltage 16-Bit Transparent Latch with Bushold
74LCXH2245 FAIRCHILD-74LCXH2245_05 Datasheet
215Kb / 11P
   Low Voltage Bidirectional Transceiver with Bushold and 26ohm Series Resistors in B Outputs
74VCXH162244 FAIRCHILD-74VCXH162244_05 Datasheet
138Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold and 26ohm Series Resistor in Outputs
74LCX162373 FAIRCHILD-74LCX162373_05 Datasheet
131Kb / 10P
   Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com