전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHCT374ASJ 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 74VHCT374ASJ
상세설명  Octal D-Type Flip-Flop with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHCT374ASJ 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  74VHCT374ASJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHCT374ASJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHCT374ASJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHCT374ASJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHCT374ASJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHCT374ASJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHCT374ASJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHCT374ASJ Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: Parameter guaranteed by design. tOSLH
|tPLH max  tPLH min|; tOSHL
|tPHL max  tPHL min|
Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average
operating current can be obtained by the equation: ICC (opr.)
CPD * VCC * fIN  ICC/8 (per F/F). The total CPD when n pcs. of the octal D Flip-Flop operates
can be calculated by the equation: CPD(total) 20  12m.
AC Operating Requirements
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
5.0
r 0.5
4.1
9.4
1.0
10.5
ns
CL 15 pF
tPHL
5.6
10.4
1.0
11.5
CL 50 pF
tPZL
3-STATE Output Enable Time
5.0
r 0.5
6.5
10.2
1.0
11.5
ns
RL 1 k: CL 15 pF
tPZH
7.3
11.2
1.0
12.5
CL 50 pF
tPLZ
3-STATE Output Disable Time
5.0
r 0.5
7.0
11.2
1.0
12.0
ns
RL 1 k: CL 50 pF
tPHZ
tOSLH
Output to Output Skew
5.0
r 0.5
1.0
1.0
(Note 8)
tOSHL
fMAX
Maximum Clock Frequency
5.0
r 0.5
90
140
80
MHz
CL 15 pF
85
130
75
CL 50 pF
CIN
Input
4
10
10
pF
VCC Open
Capacitance
COUT
Output Capacitance
9
pF
VCC 5.0V
CPD
Power Dissipation Capacitance
25
pF
(Note 9)
Symbol
Parameter
VCC
(V)
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
tW(H)
Minimum Pulse
5.0
r 0.5
6.5
8.5
ns
tW(L)
Width (CP)
tS
Minimum Set-up Time
5.0
r 0.5
2.5
2.5
ns
tH
Minimum Hold Time
5.0
r 0.5
2.5
2.5


유사한 부품 번호 - 74VHCT374ASJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VHCT374ASJ FAIRCHILD-74VHCT374ASJ Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHCT374ASJ FAIRCHILD-74VHCT374ASJ Datasheet
271Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74VHCT374ASJ ONSEMI-74VHCT374ASJ Datasheet
270Kb / 11P
   Octal D-Type Flip-Flop with 3-STATE Outputs
May 2007 Rev. 1.3
More results

유사한 설명 - 74VHCT374ASJ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com