전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5571A 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL5571A
상세설명  Access High Voltage Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5571A 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL5571A Datasheet HTML 4Page - Intersil Corporation ISL5571A Datasheet HTML 5Page - Intersil Corporation ISL5571A Datasheet HTML 6Page - Intersil Corporation ISL5571A Datasheet HTML 7Page - Intersil Corporation ISL5571A Datasheet HTML 8Page - Intersil Corporation ISL5571A Datasheet HTML 9Page - Intersil Corporation ISL5571A Datasheet HTML 10Page - Intersil Corporation ISL5571A Datasheet HTML 11Page - Intersil Corporation ISL5571A Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Idle / Talk State (LATCH = 0, INPUT = 0, TSD = 1 or
Floating)
In this state the Line Break switches (SW1 and SW2) are
closed (on) and the Ring Return and Ring Access switches
(SW3 and SW4) are open (off). The subscriber line circuit is
either on-hook or off-hook:
1. In the on-hook condition, the SLIC is monitoring the Tip
and Ring lines through the Line Break switches for an off-
hook condition. This is called the Idle state.
2. In the off-hook condition, a telephone conversation
between two or more parties is in progress or data is
being transferred between modems. This is called the
Talk state. The SLIC is providing DC power through the
Line Break switches to the telephone handset for
modulation. Modulated AC voice signals or data are
traveling through the Line Break switches SW1 and SW2.
Power Ringing State (LATCH = 0, INPUT = 1, TSD = 1
or Floating)
In this state the Line Break switches (SW1 and SW2) are
open (off) and the Ring Return and Ring Access switches
(SW3 and SW4) are closed (on). For ring injected ringing as
shown in Figure 1, a ring generator is connected to the
phone through the Ring Access switch (SW4) and returned
to ground through the Ring Return switch (SW3).
All OFF State (LATCH = X, INPUT = X, TSD = 0)
In this state both the Line Access switches (SW1 and SW2)
and the Ring Return and Ring Access switches (SW3 and
SW4) are open (off). The ISL5571A will enter the All Off
state when the following conditions occur:
1. The TSD pin is used as a control input and is
programmed to logic low.
2. The device has enter thermal shutdown due to a fault
condition. (Thermal Shutdown is described in the
Auxiliary Functions and Features section below.)
3. If VBAT rises above -10V or disappears.
While in the All OFF state, communication and power ringing
are inoperable because all the ISL5571A switches are open
(off).
Logic State Latch (LATCH = 1, TSD = 1 or floating,
INPUT = 0 or 1)
A Logic State Latch is Integrated into the ISL5571A, see
Figure 2. If the LATCH control pin is high and the TSD pin is
high or floating, the device will no longer respond to logic
level changes at the INPUT pin. The state of the switches
will be determined by the logic level of the INPUT pin at the
time the LATCH pin transitions from logic low to logic high.
The state of the switches at the time of this transition will be
permanently held as long as the LATCH pin is high. When
the LATCH pin is taken low the device will again be under
the control of the INPUT pin and the switches will
immediately go to the state specified by the logic level at the
INPUT pin. (Note: The TSD pin overrides the LATCH pin and
the INPUT pin. When the TSD pin is low the ISL5571A goes
to the ALL OFF state regardless of the logic levels applied at
the LATCH pin and the INPUT pin.)
INPUT Pin
The INPUT pin (pin 10) is the main logic input control pin.
Reference Table 9 for logic state table. When the LATCH pin
is low and the TSD pin is high or floating, you can toggle
back and forth between the Idle / Talk state and the Power
Ringing state by changing the logic level at the INPUT pin.
This is the normal operating mode of the device.
NOTE:
If the LATCH pin is high, the INPUT pin is no
longer active and the device will no longer
respond to logic changes at the INPUT pin.
The TSD pin overrides all other logic pins. If the
TSD pin is low, the device will enter an All OFF
state and will no longer respond to logic
changes at the INPUT pin.
Latch Pin
The LATCH pin (pin 11) is the control for the Logic State
Latch. Reference Table 9 for logic state table. When the
LATCH pin is low, the latch is disabled and the state of the
ISL5571A will be determined by the logic level applied at the
other logic inputs.
When the LATCH pin is high, the latch is active and the logic
state of the switches at the time the LATCH pin went high
will be latched. As long as the LATCH pin is held high the
switches will not respond to logic changes at the INPUT
control pin.
LOGIC
STATE
LATCH
INPUT
10
11
ISL5571A
FIGURE 2. BLOCK DIAGRAM OF LOGIC CONTROL
LOGIC
SWITCHES
TSD
8
CONTROL
CIRCUITRY
LATCH
ISL5571A


유사한 부품 번호 - ISL5571A

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571AIB INTERSIL-ISL5571AIB Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Renesas Technology Corp
ISL5571AIB RENESAS-ISL5571AIB Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
ISL5571AIBZ RENESAS-ISL5571AIBZ Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
More results

유사한 설명 - ISL5571A

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL5571A RENESAS-ISL5571A Datasheet
667Kb / 12P
   Access High Voltage Switch
Jul 2004
logo
Intersil Corporation
ISL5571A INTERSIL-ISL5571A Datasheet
163Kb / 12P
   Access High Voltage Switch
logo
Mitel Networks Corporat...
MT90866 MITEL-MT90866 Datasheet
34Kb / 6P
   WAN Access Switch
logo
Agere Systems
L7581 AGERE-L7581 Datasheet
307Kb / 16P
   Ringing Access Switch
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com