전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC638 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 BC638
상세설명  PNP Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC638 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  BC638 Datasheet HTML 1Page - Fairchild Semiconductor BC638 Datasheet HTML 2Page - Fairchild Semiconductor BC638 Datasheet HTML 3Page - Fairchild Semiconductor BC638 Datasheet HTML 4Page - Fairchild Semiconductor BC638 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
BC638 Rev. C2
Typical Performance Characteristics
Figure 1. Static Characteristic
Figure 2. DC Current Gain
Figure 3. Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
Figure 4. Base-Emitter On Voltage
Figure 5. Collector Output Capacitance
-0
-10
-20
-30
-40
-50
-0
-100
-200
-300
-400
-500
IB = - 0.2 mA
IB = - 0.4 mA
IB = - 0.6 mA
IB = - 0.8 mA
IB = - 1.0 mA
IB = - 1.2 mA
IB = - 1.4 mA
IB = - 1.6 mA
IB = - 1.8 mA
VCE[V], COLLECTOR-EMITTER VOLTAGE
-1
-10
-100
-1000
10
100
1000
VCE = - 2V
IC[mA], COLLECTOR CURRENT
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
IC = 10 IB
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1
-10
-100
-1000
VCE = - 2V
VBE[V], BASE-EMITTER VOLTAGE
-1
-10
-100
1
10
100
f=1MHz
VCB[V], COLLECTOR-BASE VOLTAGE


유사한 부품 번호 - BC638

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC638 MOTOROLA-BC638 Datasheet
116Kb / 4P
   High Current Transistors
logo
Continental Device Indi...
BC638 CDIL-BC638 Datasheet
121Kb / 5P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
ON Semiconductor
BC638 ONSEMI-BC638 Datasheet
86Kb / 4P
   High Current Transistors(PNP Silicon)
June, 2000 ??Rev. 1
logo
Nanjing International G...
BC638 DGNJDZ-BC638 Datasheet
97Kb / 3P
   PNP Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC638 PHILIPS-BC638 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
More results

유사한 설명 - BC638

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com