전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP54 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 BCP54
상세설명  NPN General Purpose Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCP54 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  BCP54_00 Datasheet HTML 1Page - Fairchild Semiconductor BCP54_00 Datasheet HTML 2Page - Fairchild Semiconductor BCP54_00 Datasheet HTML 3Page - Fairchild Semiconductor BCP54_00 Datasheet HTML 4Page - Fairchild Semiconductor BCP54_00 Datasheet HTML 5Page - Fairchild Semiconductor BCP54_00 Datasheet HTML 6Page - Fairchild Semiconductor BCP54_00 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
1997 Fairchild Semiconductor Corporation
NPN General Purpose Amplifier
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
TA = 25°C unless otherwise noted
BCP54
This device is designed for general purpose medium power
amplifiers and switching circuits requiring collector currents
to 1.2 A. Sourced from Process 38.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
45
V
VCBO
Collector-Base Voltage
45
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current - Continuous
1.5
A
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
B
C
C
SOT-223
E
Symbol
Characteristic
Max
Units
BCP54
PD
Total Device Dissipation
Derate above 25
°C
1.5
12
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
83.3
°C/W


유사한 부품 번호 - BCP54_00

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
BCP5410TA DIODES-BCP5410TA Datasheet
131Kb / 7P
   NPN SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54_07 Datasheet
108Kb / 2P
   Surface Mount General Purpose Si-Epi-Planar Transistors
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
More results

유사한 설명 - BCP54_00

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com