전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5217EVAL1 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL5217EVAL1
상세설명  Quad Programmable Up Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5217EVAL1 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL5217EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL5217EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
3
FN6004.3
July 8, 2005
Pinout
196 LdBGA
TOP VIEW
K
J
H
G
F
E
D
C
B
A
1
234
5678
9
11
10
L
M
N
VCCIO
IIN1
12
TXENA
13
14
IIN15
GND
IIN7
IIN3
SDB
SDD
QIN1
IIN16
QIN4
GND
SCLKC
IIN17
IIN11
QIN10
RDMODE
QIN2
IIN18
SCLKD
QIN8
QIN6
QIN15
UPDD
GND
QIN12
FSRC
IIN19
FSRD
TDI
CS
TCK
GND
RD
QIN17
TMS
CLK
A4
A2
QIN19
P0
ISTRB
GND
A5
TRITST
P2
GND
RESET
QOUT4
IOUT19
QOUT6
P4
QOUT13 QOUT10
QOUT0
QOUT3
GND
P14
P8
QOUT15 QOUT12 QOUT9
IOUT7
IOUT1
VCCIO
IOUT3
IOUT11 VCCIO
GND
IOUT9
VCCIO
IOUT0
IOUT2
IOUT4
P15
P12
P11
IOUT13 IOUT12 IOUT10
GND
IOUT8
IOUT6
P
SDA
IIN0
IIN13
IIN2
SDC
TXENB SCLKA
IIN12
IIN10
IIN8
IIN6
IIN4
POWER PIN
GROUND PIN
SIGNAL PIN
THERMAL BALL
NC (NO CONNECTION)
QOUT19
QIN18
QIN16
FSRB
A3
IOUT14
IOUT15
IOUT16
IOUT5
QOUT16
IOUT17
IOUT18
P6
P3
P5
VCCC
QIN13
IIN14
TXENC
SCLKB
UPDA
QOUT1
QIN11
GND
P13
P10
P9
GND
QOUT5
QOUT7
QOUT14 QOUT11 QOUT8
QOUT2
GND
GND
VCCIO
VCCC
VCCC
VCCC
P7
VCCC QOUT17 QOUT18
OFFBIN
TDO
TRST
OUTEN0
OUTEN1
FSRA
SYNCO
A0
A1
A6
QIN3
QIN5
QIN9
QIN7
VCCC
P1
GND
VCCC
VCCC
WR
GND
QIN14
UPDC
VCCC
GND
VCCIO
VCCC
VCCIO
VCCIO
GND
GND
IIN5
UPDB
TXEND
QIN0
IIN9
VCCC
GND
VCCC
GND
NOTE:
Thermal balls should be connected to the ground plane.
ISL5217


유사한 부품 번호 - ISL5217EVAL1

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5217EVAL1 INTERSIL-ISL5217EVAL1 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Renesas Technology Corp
ISL5217EVAL1 RENESAS-ISL5217EVAL1 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
More results

유사한 설명 - ISL5217EVAL1

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL5217 RENESAS-ISL5217 Datasheet
1Mb / 43P
   Quad Programmable Up Converter
logo
Intersil Corporation
ISL5217 INTERSIL-ISL5217 Datasheet
766Kb / 43P
   Quad Programmable Up Converter
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
logo
STMicroelectronics
TDA7565 STMICROELECTRONICS-TDA7565_10 Datasheet
211Kb / 19P
   Quad power amplifier with integrated step-up converter
logo
ams AG
AS1352 AMSCO-AS1352_1 Datasheet
307Kb / 10P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
   Programmable Quad Equalizer
logo
ams AG
AS1352 AMSCO-AS1352 Datasheet
160Kb / 2P
   Programmable Quad LDO
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
   Programmable Quad Equalizer
logo
Texas Instruments
DS64EV400 TI1-DS64EV400_15 Datasheet
3Mb / 22P
[Old version datasheet]   Programmable Quad Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com