전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL5416EVAL1 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL5416EVAL1
상세설명  Four-Channel Wideband Programmable DownConverter
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5416EVAL1 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL5416EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 10Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 11Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 12Page - Intersil Corporation ISL5416EVAL1 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
9
ISL5416
VGA/RF Attenuator (A/D Range Control)
The range control section monitors the output of the A/D and
adjusts the RF/IF gain to maintain a desired A/D output
range. The gain adjustments are in 6 dB steps. The levels,
adjustment rates, and gain to bit mapping are
programmable.
The range control section uses three programmable
thresholds. Two thresholds, an upper and a lower threshold,
are compared against the average magnitude of the A/D
output. The range control adjusts the gain to keep the
average A/D output between the upper and lower thresholds.
If the average is above the upper threshold, an internal
attenuator control register is increased by a programmable
amount. If the average is below the lower threshold, the gain
attenuator control register is decreased by a separate
programmed amount. The number of samples averaged for
each decision is programmable. The adjustments to the
attenuator control register can be less than 6 dB to further
filter the inputs. Only the three MSBs of the attenuator
control register are used to control the RF/IF gain, and these
are weighted as 6, 12, 24 dB steps.
The third threshold, an immediate threshold, is compared
against the magnitude of each A/D sample. If the magnitude
of any A/D sample exceeds the threshold, the attenuator
control register is immediately increased by the amount
programmed for the immediate threshold. Because there will
be some time delay from a register change until the effect of
the change is seen at the A/D, the immediate threshold is
disabled for a programmable number of clock cycles after it
has been triggered.
To maximize the input sensitivity the range control also
includes a programmable bias. If the average signal is
between the upper and lower threshold, the bias value is
added from the attenuator control register. This bias
removes attenuation when it is no longer needed to avoid
missing small signals due to high input noise figure.
Four counters control the amount of time that the input is
averaged and align the adjustments to time slot boundaries.
One counts out the time slot period. If desired, this counter
can be reset by a SYNCInX signal to align its count to the
system timing. A second counter provides a programmable
delay from the start of the first counter's period to the start of
the integration period. This compensates for system delays
or allows the adjustments to be made over a certain portion
of the time slot. The third counter sets the integration period
for averaging the input samples for the upper and lower
threshold decisions. The fourth counter controls the number
of integration periods per time slot. See Figure 2 for a block
diagram. Note that the counters are ignored for the
immediate threshold decisions.
The user can program a separate code for output on the
EOUT bus for each of the eight possible states of the three
MSBs of the attenuator control register. These codes can be
up to 8 bits, but if four gain control sections are used, only
four bits are available for each gain control section. The
mapping of the gain control bits to EOUT bits is done in
GWA = 0001h and the codes are programmed in IWA =
0*17h and 0*18h.
The three MSBs of the attenuator control register can be
routed internally to the channels to be used as the floating-
point exponents. This adds gain in 6 dB steps to compensate
for the 6 dB steps of RF attenuator. The MSBs can be added
to the input exponent bits if desired. There is a
programmable delay from the attenuator control register to
the channel input to compensate for RF/IF filter group delay
and A/D and ISL5416 pipeline delays.


유사한 부품 번호 - ISL5416EVAL1

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5416EVAL1 INTERSIL-ISL5416EVAL1 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Renesas Technology Corp
ISL5416EVAL1 RENESAS-ISL5416EVAL1 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
More results

유사한 설명 - ISL5416EVAL1

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
   Four-Channel Wideband Programmable DownConverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
   Four-Channel Programmable Digital Downconverter
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
HSP50216 RENESAS-HSP50216 Datasheet
1Mb / 59P
   Four-Channel Programmable Digital Downconverter
October 5, 2015
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
   Four-Channel Programmable Digital DownConverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com