전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43110IH-T 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL43110IH-T
상세설명  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43110IH-T 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL43110IH-T Datasheet HTML 1Page - Intersil Corporation ISL43110IH-T Datasheet HTML 2Page - Intersil Corporation ISL43110IH-T Datasheet HTML 3Page - Intersil Corporation ISL43110IH-T Datasheet HTML 4Page - Intersil Corporation ISL43110IH-T Datasheet HTML 5Page - Intersil Corporation ISL43110IH-T Datasheet HTML 6Page - Intersil Corporation ISL43110IH-T Datasheet HTML 7Page - Intersil Corporation ISL43110IH-T Datasheet HTML 8Page - Intersil Corporation ISL43110IH-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN6028.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil and Design is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2004, 2005.All Rights Reserved
ISL43110, ISL43111
Low-Voltage, Single Supply, SPST, High
Performance Analog Switches
The Intersil ISL4311X are precision, high performance analog
switches that are fully specified for 3.3V, 5V, and 12V
operation, and feature improved leakage, Icc, and switching
time specifications.
Designed to operate from a single +2.4V to +12V supply, the
low supply current (1
µA Max over the temperature and
voltage ranges) and low leakage currents (1nA) make these
switches ideal for battery powered applications.
Low RON and fast switching speeds over a wide operating
supply range increase these devices usefulness in industrial
equipment, portable instruments, and as input signal
multiplexers for new generation, low supply voltage data
converters. Some of the smallest packages are available
alleviating board space limitations, and making Intersil’s
newest line of low-voltage switches an ideal solution.
The ISL4311X are single-pole/single-throw (SPST) switches,
with the ISL43110 being normally open (NO), and the
ISL43111 being normally closed (NC).
Table 1 summarizes the performance of this family. For similar
performance
±5V supply versions, see the ISL43112/13 data
sheet.
Related Literature
• Tech Brief TB363 “Guidelines for Handling and Processing
Moisture Sensitive Surface Mount Devices (SMDs)”
Features
• Fully Specified at 3.3V, 5V, and 12V Supplies
• Available in SOT-23 Packaging
• Single Supply Operation. . . . . . . . . . . . . . . . . +2.4V to +12V
• ON Resistance (RON Max). . . . . . . . . . . . . 20Ω (V+ = 5V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Ω (V+ = 12V)
•RON Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.5Ω
• Charge Injection (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . 10pC
• Low Power Consumption (PD Max). . . . . . . . . . . . . . . .<5µW
• Low Leakage Current (Max at 85°C) . 10nA (Off Leakage)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20nA (On Leakage)
• Fast Switching Action
-tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80ns
-tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ns
• Minimum 2000V ESD Protection per Method 3015.7
• TTL, CMOS Compatible
• Pb-Free Available (RoHS Compliant)
Applications
• Battery Powered, Handheld, and Portable Equipment
- Cellular/Mobile Phones, Pagers
- Laptops, Notebooks, Palmtops, PDAs
• Communications Systems
-Radios
- PBX, PABX
• Test Equipment
- Logic and Spectrum Analyzers
- Portable Meters, DVM, DMM
• Medical Equipment
- Ultrasound, MRI, CAT SCAN
- Electrocardiograph, Blood Analyzer
• Heads-Up Displays
• Audio and Video Switching
• General Purpose Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
TABLE 1. FEATURES AT A GLANCE
ISL43110
ISL43111
Number of Switches
1
1
Configuration
NO
NC
3.3V RON
15
15
3.3V tON / tOFF
55ns / 28ns
55ns / 28ns
5V RON
11
11
5V tON / tOFF
45ns / 20ns
45ns / 20ns
12V RON
7
7
12V tON / tOFF
37ns / 21ns
37ns / 21ns
Packages
8 Ld SOIC, 5 Ld SOT-23
Data Sheet
April 12, 2005


유사한 부품 번호 - ISL43110IH-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43110IH-T INTERSIL-ISL43110IH-T Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
More results

유사한 설명 - ISL43110IH-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com