전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43240IAZ 데이터시트(PDF) 11 Page - Intersil Corporation

부품명 ISL43240IAZ
상세설명  Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43240IAZ 데이터시트(HTML) 11 Page - Intersil Corporation

Back Button ISL43240IAZ Datasheet HTML 6Page - Intersil Corporation ISL43240IAZ Datasheet HTML 7Page - Intersil Corporation ISL43240IAZ Datasheet HTML 8Page - Intersil Corporation ISL43240IAZ Datasheet HTML 9Page - Intersil Corporation ISL43240IAZ Datasheet HTML 10Page - Intersil Corporation ISL43240IAZ Datasheet HTML 11Page - Intersil Corporation ISL43240IAZ Datasheet HTML 12Page - Intersil Corporation ISL43240IAZ Datasheet HTML 13Page - Intersil Corporation ISL43240IAZ Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FIGURE 15. TURN - ON TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 16. TURN - OFF TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 17. DIGITAL SWITCHING POINT vs POSITIVE SUPPLY
VOLTAGE
FIGURE 18. POSITIVE SUPPLY CURRENT vs DIGITAL INPUT
VOLTAGE
FIGURE 19. FREQUENCY RESPONSE
FIGURE 20. CROSSTALK AND OFF ISOLATION
Typical Performance Curves TA = 25oC, Unless Otherwise Specified (Continued)
0
50
100
150
200
250
V+ (V)
VCOM = (V+) - 1V
2468
10
12
3
579
11
-40oC
85oC
V- = -3V
V- = -5V
-40oC
0
50
100
150
200
250
300
-40oC
85oC
-40oC
25oC
25oC
25oC
0
50
100
150
200
250
300
V+ (V)
-40oC
85oC
VCOM = (V+) - 1V
V- = -3V
V- = -5V
24
68
10
12
3
579
11
0
50
100
150
-40oC
85oC
-40oC
25oC
25oC
25oC
V+ (V)
25
3.0
2.5
2.0
1.5
1.0
0.5
34
6789
10
11
12
13
3.0
2.5
2.0
1.5
1.0
0.5
-40oC
VINL
85oC
-40oC
85oC
VINH
25oC
25oC
V- = 0V to -5V
V- = 0V to -5V
01.5
0.51
22.5
33.5
44.5
5
70
60
50
40
30
20
10
0
VIN (V)
V- = -5V to 0V
V+ = +5V
FREQUENCY (MHz)
3
0
-3
GAIN
PHASE
0
45
90
135
180
1
10
100
600
RL = 50Ω
VS = ±2V (VIN = 4VP-P)
V+ = 5V (VIN = 4VP-P)
VS = ±5V (VIN = 5VP-P)
VS = ±5V (VIN = 5VP-P)
V+ = 2.7V (VIN = 2VP-P)
VS = ±2V or V+ = 5V (VIN = 4VP-P)
V+ = 2.7V (VIN = 2VP-P)
FREQUENCY (Hz)
1k
100k
1M
100M 500M
10k
10M
-110
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
110
10
20
30
40
50
60
70
80
90
100
ISOLATION
CROSSTALK
RL = 50Ω
VS = ±2V to ±5V
V+ = 3V to 12V or
ALL HOSTILE CROSSTALK
ISL43240


유사한 부품 번호 - ISL43240IAZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240IAZ RENESAS-ISL43240IAZ Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
More results

유사한 설명 - ISL43240IAZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43240 INTERSIL-ISL43240 Datasheet
442Kb / 14P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switches
ISL8394 INTERSIL-ISL8394 Datasheet
294Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
ISL8394 INTERSIL-ISL8394_06 Datasheet
383Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Renesas Technology Corp
ISL8394 RENESAS-ISL8394 Datasheet
607Kb / 11P
   Low-Voltage, Single and Dual Supply, Quad SPDT, Analog Switches
logo
Intersil Corporation
ISL43240IAZ INTERSIL-ISL43240IAZ Datasheet
498Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
December 15, 2014
logo
Renesas Technology Corp
ISL43240 RENESAS-ISL43240 Datasheet
975Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPDT, High Performance Analog Switch
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140 Datasheet
432Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com