전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43410 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL43410
상세설명  Low-Voltage, Single Supply, DPDT High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43410 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL43410 Datasheet HTML 3Page - Intersil Corporation ISL43410 Datasheet HTML 4Page - Intersil Corporation ISL43410 Datasheet HTML 5Page - Intersil Corporation ISL43410 Datasheet HTML 6Page - Intersil Corporation ISL43410 Datasheet HTML 7Page - Intersil Corporation ISL43410 Datasheet HTML 8Page - Intersil Corporation ISL43410 Datasheet HTML 9Page - Intersil Corporation ISL43410 Datasheet HTML 10Page - Intersil Corporation ISL43410 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FN6044.3
January 16, 2006
FIGURE 3A. MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. RON TEST CIRCUIT
FIGURE 6. CROSSTALK TEST CIRCUIT
FIGURE 7. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
80%
3V
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 20ns
tf < 20ns
LOGIC
INPUT
ADD
COM
RL
CL
VOUT
35pF
300
NO
NC
V+
GND
V+
C
INH
C
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or V+
NO OR NC
COM
ADD
GND
INH
0V or V+
V+
C
0V OR V+
NO OR NC
COM
ADD
GND
VNX
V1
RON = V1/1mA
1mA
INH
0V OR V+
ANALYZER
V+
C
NO1 OR NC1
SIGNAL
GENERATOR
RL
GND
ADD
COM1
50
NC
COM2
NO2 OR NC2
INH
V+
C
GND
NO OR NC
COM
ADD
IMPEDANCE
ANALYZER
0V OR V+
INH
ISL43410


유사한 부품 번호 - ISL43410

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
ISL43410 INTERSIL-ISL43410 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
ISL43410IR INTERSIL-ISL43410IR Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results

유사한 설명 - ISL43410

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43410IU INTERSIL-ISL43410IU Datasheet
490Kb / 13P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
May 12, 2008
logo
Renesas Technology Corp
ISL43410 RENESAS-ISL43410 Datasheet
825Kb / 14P
   Low-Voltage, Single Supply, DPDT High Performance Analog Switch
logo
ON Semiconductor
NLAS44599DTR2G ONSEMI-NLAS44599DTR2G Datasheet
175Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
July, 2008 ??Rev. 14
NLAST9431 ONSEMI-NLAST9431 Datasheet
101Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS9431 ONSEMI-NLAS9431 Datasheet
111Kb / 11P
   Low Voltage Single Supply Dual DPDT Analog Switch
January, 2006 ??Rev. 0
NLAS44599 ONSEMI-NLAS44599 Datasheet
167Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
April, 2005 ??Rev. 13
NLAST44599 ONSEMI-NLAST44599_10 Datasheet
148Kb / 13P
   Low Voltage Single Supply Dual DPDT Analog Switch
November, 2010 ??Rev. 9
NLAST44599 ONSEMI-NLAST44599 Datasheet
90Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
August, 2002 ??Rev. 5
NLAST44599 ONSEMI-NLAST44599_05 Datasheet
147Kb / 12P
   Low Voltage Single Supply Dual DPDT Analog Switch
February, 2005 ??Rev. 7
logo
Intersil Corporation
ISL43410 INTERSIL-ISL43410 Datasheet
493Kb / 13P
   Low-Voltage, Single Supply, DPDT High Low-Voltage, Single Supply, DPDT High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com