전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4093BC 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 CD4093BC
상세설명  Quad 2-Input NAND Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4093BC 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  CD4093BC Datasheet HTML 1Page - Fairchild Semiconductor CD4093BC Datasheet HTML 2Page - Fairchild Semiconductor CD4093BC Datasheet HTML 3Page - Fairchild Semiconductor CD4093BC Datasheet HTML 4Page - Fairchild Semiconductor CD4093BC Datasheet HTML 5Page - Fairchild Semiconductor CD4093BC Datasheet HTML 6Page - Fairchild Semiconductor CD4093BC Datasheet HTML 7Page - Fairchild Semiconductor CD4093BC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2002 Fairchild Semiconductor Corporation
DS005982
www.fairchildsemi.com
October 1987
Revised April 2002
CD4093BC
Quad 2-Input NAND Schmitt Trigger
General Description
The CD4093B consists of four Schmitt-trigger circuits.
Each circuit functions as a 2-input NAND gate with Schmitt-
trigger action on both inputs. The gate switches at different
points for positive and negative-going signals. The differ-
ence between the positive (VT
+) and the negative voltage
(VT
) is defined as hysteresis voltage (V
H).
All outputs have equal source and sink currents and con-
form to standard B-series output drive (see Static Electrical
Characteristics).
Features
s Wide supply voltage range: 3.0V to 15V
s Schmitt-trigger on each input
with no external components
s Noise immunity greater than 50%
s Equal source and sink currents
s No limit on input rise and fall time
s Standard B-series output drive
s Hysteresis voltage (any input) TA = 25°C
Applications
• Wave and pulse shapers
• High-noise-environment systems
• Monostable multivibrators
• Astable multivibrators
• NAND logic
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Top View
Typical
VDD = 5.0V VH = 1.5V
VDD = 10V VH = 2.2V
VDD = 15V VH = 2.7V
Guaranteed
VH = 0.1 VDD
Order Number
Package Number
Package Description
CD4093BCM
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
CD4093BCN
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide


유사한 부품 번호 - CD4093BC

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4093BC NSC-CD4093BC Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
CD4093BC FAIRCHILD-CD4093BC Datasheet
89Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
National Semiconductor ...
CD4093BCJ NSC-CD4093BCJ Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
logo
Fairchild Semiconductor
CD4093BCM FAIRCHILD-CD4093BCM Datasheet
89Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
logo
National Semiconductor ...
CD4093BCN NSC-CD4093BCN Datasheet
157Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
More results

유사한 설명 - CD4093BC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
NXP Semiconductors
74F132 PHILIPS-74F132 Datasheet
71Kb / 8P
   Quad 2-input NAND Schmitt trigger
1991 Jun 26
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
   Quad 2-input NAND Schmitt trigger
1999 Sep 24
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com