전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL43L710 데이터시트(PDF) 8 Page - Intersil Corporation

부품명 ISL43L710
상세설명  Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43L710 데이터시트(HTML) 8 Page - Intersil Corporation

Back Button ISL43L710_07 Datasheet HTML 3Page - Intersil Corporation ISL43L710_07 Datasheet HTML 4Page - Intersil Corporation ISL43L710_07 Datasheet HTML 5Page - Intersil Corporation ISL43L710_07 Datasheet HTML 6Page - Intersil Corporation ISL43L710_07 Datasheet HTML 7Page - Intersil Corporation ISL43L710_07 Datasheet HTML 8Page - Intersil Corporation ISL43L710_07 Datasheet HTML 9Page - Intersil Corporation ISL43L710_07 Datasheet HTML 10Page - Intersil Corporation ISL43L710_07 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6092.2
April 12, 2007
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 8. ON RESISTANCE vs SUPPLY VOLTAGE vs
SWITCH VOLTAGE
FIGURE 9. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 12. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 13. TURN-OFF TIME vs SUPPLY VOLTAGE
0.12
0.14
0.16
0.18
0.2
0.22
0.24
0.26
VCOM (V)
01
23
4
ICOM = 100mA
V+ = 2.7V
V+ = 1.8V
V+ = 3.6V
V+ = 3V
V+ = 3V
VCOM (V)
00.5
11.5
22.5
3
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
25°C
85°C
-40°C
ICOM = 100mA
0
0.5
1
1.5
2
VCOM (V)
85°C
-40°C
V+ = 1.8V
ICOM = 100mA
25°C
0.1
0.15
0.2
0.25
0.3
-250
-200
-150
-100
-50
0
50
00.511.522.5
3
VCOM (V)
V+ = 1.8V
V+ = 3V
0
10
20
30
40
50
60
70
80
V+ (V)
1
1.5
2
2.5
33.5
44.5
85°C
-40°C
25°C
0
10
20
30
40
50
V+ (V)
1
1.522.5
33.5
4
4.5
85°C
-40°C
25°C
ISL43L710, ISL43L711, ISL43L712


유사한 부품 번호 - ISL43L710_07

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43L710IR INTERSIL-ISL43L710IR Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710IR RENESAS-ISL43L710IR Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710IU INTERSIL-ISL43L710IU Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L710IU RENESAS-ISL43L710IU Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710IUZ INTERSIL-ISL43L710IUZ Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
More results

유사한 설명 - ISL43L710_07

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL43L710 RENESAS-ISL43L710 Datasheet
653Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Intersil Corporation
ISL43L710 INTERSIL-ISL43L710 Datasheet
272Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Differential SPST Analog Switches
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL84715_0411 INTERSIL-ISL84715_0411 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
ISL84715 INTERSIL-ISL84715 Datasheet
338Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Renesas Technology Corp
ISL84715 RENESAS-ISL84715 Datasheet
581Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, SPST Analog Switches
logo
Intersil Corporation
ISL84715 INTERSIL-ISL84715_15 Datasheet
426Kb / 11P
   Ultra Low ON-Resistance, Low Voltage, Single Supply,SPST Analog Switches
August 18, 2015
ISL54051_0709 INTERSIL-ISL54051_0709 Datasheet
328Kb / 10P
   Ultra Low ON-Resistance, Low Voltage, Single Supply, Single SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com