전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL24010IVZ 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 ISL24010IVZ
상세설명  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24010IVZ 데이터시트(HTML) 1 Page - Intersil Corporation

  ISL24010IVZ Datasheet HTML 1Page - Intersil Corporation ISL24010IVZ Datasheet HTML 2Page - Intersil Corporation ISL24010IVZ Datasheet HTML 3Page - Intersil Corporation ISL24010IVZ Datasheet HTML 4Page - Intersil Corporation ISL24010IVZ Datasheet HTML 5Page - Intersil Corporation ISL24010IVZ Datasheet HTML 6Page - Intersil Corporation ISL24010IVZ Datasheet HTML 7Page - Intersil Corporation ISL24010IVZ Datasheet HTML 8Page - Intersil Corporation ISL24010IVZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN6124.0
ISL24010
Octal Voltage Level Shifter for TFT/LCD Panels
High Voltage TFT-LCD Logic Driver
The ISL24010 is a high voltage TFT-LCD logic driver with a
+40V and -20V (momentary absolute max) output voltage
swing capability. It is manufactured using the Intersil’s
proprietary monolithic high voltage bipolar process and is
capable of driving a 3000pF load in 500ns.
The ISL24010 will level shift a digital input signal to an output
voltage nearly equal to its output supply voltages. The
ISL24010 has 3 supplies. VON1 and VON2 are positive
supplies with a voltage range between +10V and +40V
(absolute max). VOFF is the negative supply with a voltage
range between -5V and -20V (absolute max). Outputs 1
through 6 are connected to VON1 and VOFF. Outputs 7 and 8
are connected to VON2 and VOFF. This configuration
enables outputs 1 through 6 to provide slicing to the row
drivers to reduce flicker, and outputs 7 and 8 to control
possible supply lines. VON2 should remain constant. It is
possible to tie VON1 and VON2 supplies together, if
independent control as described above is not desired.
VON2 is required to be greater than or equal to VON1 at all
times.
The ISL24010 is available in TSSOP-20 pin package. It is
specified for operation over the -40°C to +85°C industrial
temperature range.
Features
• 0V to 5.5V (absolute max) Input Voltage Range
+40V and -20V (momentary absolute max) Output Voltage
Range
• 10mA Output Continuous Current (all 8 channels)
• 25mA Output Peak Current (all 8 channels)
• Rise/Fall Times 150ns/210ns
• Propagation Delay 250ns
• 50kHz Input Logic Frequency
• 20 Ld TSSOP
Pb-Free Plus Anneal (RoHS Compliant)
Applications
• TFT-LCD panels
Pinout
20 Ld TSSOP
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
ISL24010IVZ
(See Note)
24010IVZ
-40 to +85
20 Ld TSSOP
(Pb-free)
M20.173
ISL24010IVZ-T
(See Note)
24010IVZ
-40 to +85
20 Ld TSSOP
Tape and Reel
(Pb-free)
M20.173
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
18
19
20
13
17
16
15
14
1
2
3
4
5
7
6
8
GND
IN1
IN2
IN3
IN4
IN5
IN7
IN6
VON1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT1
12
9
IN8
OUT8
11
10
VOFF
VON2
Data Sheet
November 4, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or
1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


유사한 부품 번호 - ISL24010IVZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL24010IVZ RENESAS-ISL24010IVZ Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
ISL24010IVZ-T RENESAS-ISL24010IVZ-T Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
More results

유사한 설명 - ISL24010IVZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
ISL24011 INTERSIL-ISL24011_06 Datasheet
286Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com